Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3960 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN3960
Description  ESD considerations for touch sensing applications
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3960 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN3960 Datasheet HTML 2Page - STMicroelectronics AN3960 Datasheet HTML 3Page - STMicroelectronics AN3960 Datasheet HTML 4Page - STMicroelectronics AN3960 Datasheet HTML 5Page - STMicroelectronics AN3960 Datasheet HTML 6Page - STMicroelectronics AN3960 Datasheet HTML 7Page - STMicroelectronics AN3960 Datasheet HTML 8Page - STMicroelectronics AN3960 Datasheet HTML 9Page - STMicroelectronics AN3960 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Risks of ESD
AN3960
6/21
Doc ID 022082 Rev 1
2.1
Simulation and testing of electronic devices using models
Several models describe how to simulate an ESD stress. The schematic circuit of Figure 1,
shows how to generate an ESD event to a device under test (DUT). It is the basis of these
models.
Figure 1.
Electrostatic discharge test (ESD generator and DUT)
1.
Legend: R1 = resistor 1, RD = discharge resistor, CD = discharge capacitor, HV = high voltage, and VD =
discharge voltage. R1, RD, and CD are defined according to a standard.
2.
The charge and discharge switches are not closed simultaneously.
2.1.1
Human body model (HBM)
For testing the susceptibility of electronic devices to ESD stress from human contact, an
ESD simulator with a special output circuit called the human body model (HBM) is often
used.
This model simulates the discharge which might occur when a human touches an electronic
device (either a system or a component).
The HBM consists of a capacitor in series with a resistor (see Figure 1). The capacitor is
charged to a specified voltage from an external source, and then suddenly discharged
through the resistor into an electronic terminal of the DUT.
2.1.2
Machine model (MM)
This model simulates what happens when a machine becomes electrostatically charged
and subsequently discharges into an electronic device when it comes in contact with it.
The MM test circuit consists of charging up a 200 pF capacitor to a certain voltage and then
discharging this capacitor directly into the DUT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com