Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3960 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN3960
Description  ESD considerations for touch sensing applications
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3960 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN3960 Datasheet HTML 6Page - STMicroelectronics AN3960 Datasheet HTML 7Page - STMicroelectronics AN3960 Datasheet HTML 8Page - STMicroelectronics AN3960 Datasheet HTML 9Page - STMicroelectronics AN3960 Datasheet HTML 10Page - STMicroelectronics AN3960 Datasheet HTML 11Page - STMicroelectronics AN3960 Datasheet HTML 12Page - STMicroelectronics AN3960 Datasheet HTML 13Page - STMicroelectronics AN3960 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Protecting against ESD
AN3960
10/21
Doc ID 022082 Rev 1
3
Protecting against ESD
An effective approach for protecting any electronic system against ESD is to mechanically
minimize the pathways by which high voltages enter the system from the outside
environment. This can be especially difficult if the user needs to touch the application or if
there is a void or other opening in the packaging.
Mechanical switches and control potentiometers are classic system entry points for ESD
stress. Changing from mechanical controls to capacitive touch controls eliminates the voids
for these traditional ESD entry paths.
Some methods which protect against ESD stress include:
●
Dielectric overlays (see Section 3.1)
●
Spark gaps (see Section 3.2)
●
Ground rings (see Section 3.3)
●
Adding resistance (see Section 3.4)
●
Adding diodes (see Section 3.5)
●
ESD protection devices (see Section 3.6)
●
Firmware (see Section 3.7)
3.1
Dielectric overlays
In the touch sensing application domain, a protective layer of "dielectric" material (any
insulating material that can intrinsically withstand high voltages without breaking down) can
be placed between the ESD source and the touch sensing application. For example, one
layer of 5 mil Kapton® tape withstands 18 kV. Other dielectric overlay materials are listed
inTable 2 together with their dielectric strengths.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com