Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0097 Datasheet(PDF) 6 Page - STMicroelectronics

Part # UM0097
Description  STR71x firmware library
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0097 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button UM0097 Datasheet HTML 2Page - STMicroelectronics UM0097 Datasheet HTML 3Page - STMicroelectronics UM0097 Datasheet HTML 4Page - STMicroelectronics UM0097 Datasheet HTML 5Page - STMicroelectronics UM0097 Datasheet HTML 6Page - STMicroelectronics UM0097 Datasheet HTML 7Page - STMicroelectronics UM0097 Datasheet HTML 8Page - STMicroelectronics UM0097 Datasheet HTML 9Page - STMicroelectronics UM0097 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 229 page
background image
Document and library rules
UM0097
6/229
1
Document and library rules
The user manual and the firmware library use the conventions described in the sections
below.
1.1
Abbreviations
Table 1 describes the different abbreviations used in this document.
1.2
Styles and symbols
The firmware library uses the following style conventions:
●
Program listings, program examples, structure definitions and function prototypes are
shown in a special typeface. This example is a function prototype shown in courier
typeface
.
int PPP_Config (int * pPointer);
●
Program portions, variables and function names quoted in a paragraph are in italic
typeface. For example
bVariable is used as local variable in the function PPP_Config.
●
A comment in a program listing is shown in italic typeface. For example:
int PPP_Config (int * pPointer); /*this is a comment */
Table 1.
List of acronyms
Acronym
Peripheral / Unit
ADC12
12-bit Analog to Digital Converter
APB
Advanced Peripheral Bus bridges
BSPI
Buffered Serial Peripheral Interface
CAN
Controller Area Network
TIM
Timer
EIC
Enhanced Interrupt Controller
XTI
External Interrupts
EMI
External Memory Interface
FLASH
Embedded Flash
GPIO
General Purpose Input Output
I2C
Inter-Integrated Circuit
PCU
Power Control Unit
RCCU
Reset & Clock Control Unit
RTC
Real Time Clock
UART
Universal Asynchronous Receiver Transmitter
USB
Universal Serial Bus
WDG
Watchdog Timer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com