Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0097 Datasheet(PDF) 69 Page - STMicroelectronics

Part # UM0097
Description  STR71x firmware library
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0097 Datasheet(HTML) 69 Page - STMicroelectronics

Back Button UM0097 Datasheet HTML 65Page - STMicroelectronics UM0097 Datasheet HTML 66Page - STMicroelectronics UM0097 Datasheet HTML 67Page - STMicroelectronics UM0097 Datasheet HTML 68Page - STMicroelectronics UM0097 Datasheet HTML 69Page - STMicroelectronics UM0097 Datasheet HTML 70Page - STMicroelectronics UM0097 Datasheet HTML 71Page - STMicroelectronics UM0097 Datasheet HTML 72Page - STMicroelectronics UM0097 Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 229 page
background image
UM0097
Peripheral firmware overview
69/229
3.5.3
Firmware library functions
Table 33 enumerates the different functions of the GPIO library.
GPIO_Config
Note:
1
When you change a port pin mode, the other port pins modes stay unchanged.
2
You can configure more than one pin of the same GPIO peripheral. It is not possible to
configure pins of more than one GPIO peripheral at the same call of GPIO_Config function.
Moreover it is not possible to configure more than one pin of the same GPIO peripheral in
more than one mode by calling once the GPIO_Config function.
Table 33.
GPIO library functions
Function Name
Description
GPIO_Config
Configures the selected GPIO I/O pins according to the input
passed in parameter
GPIO_BitRead
Returns a port pin value depending on the input passed parameters
GPIO_ByteRead
Reads the specified data port byte (upper or lower eight bits) and
returns its value
GPIO_WordRead
Reads the specified data port and returns its value
GPIO_BitWrite
Sets or clears the selected data port bit
GPIO_ByteWrite
Writes a byte value into the selected port register byte (upper or lower
eight bits)
GPIO_WordWrite
Writes a word value into the selected port register
Function Name
GPIO_Config
Function Prototype
void GPIO_Config (GPIO_TypeDef *GPIOx,
u16 Port_Pins, GpioPinMode_TypeDef GPIO_Mode);
Behavior Description
Configures the selected GPIO I/O pins according to the input passed
parameters. Refer to the datasheet for more details on input modes,
output modes and port names.
Input Parameter 1
GPIOx: selects the port to be configured. x can be 0, 1 or 2. Refer to
GPIOx values on page 68 for details on the allowed values of this
parameter.
Input Parameter 2
Port_Pins: this parameter specifies the port pin placement. You can
select more than one pin. Refer to Port pin values on page 68 for more
details on the allowed values of this parameter.
Input Parameter 3
GPIO_Mode: specifies the pin mode. Refer to GPIO pin mode
enumeration on page 67 for more information on the allowed values of
this parameter.
Output Parameter
None
Return Value
None
Required preconditions
None
Called Functions
None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com