Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3467 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3467
Description  1.1A Step-Up DC/DC Converter with Integrated Soft-Start
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3467 Datasheet(HTML) 2 Page - Linear Technology

  LT3467 Datasheet HTML 1Page - Linear Technology LT3467 Datasheet HTML 2Page - Linear Technology LT3467 Datasheet HTML 3Page - Linear Technology LT3467 Datasheet HTML 4Page - Linear Technology LT3467 Datasheet HTML 5Page - Linear Technology LT3467 Datasheet HTML 6Page - Linear Technology LT3467 Datasheet HTML 7Page - Linear Technology LT3467 Datasheet HTML 8Page - Linear Technology LT3467 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
LT3467/LT3467A
2
3467afe
VIN Voltage................................................................16V
SW Voltage ................................................ –0.4V to 42V
FB Voltage................................................................2.5V
Current Into FB Pin .............................................. ±1mA
SHDN Voltage ......................................................... 16V
Maximum Junction Temperature ......................... 125°C
(Note 1)
ORDER INFORMATION
ABSOLUTE MAXIMUM RATINGS
TOP VIEW
9
DDB PACKAGE
8-LEAD (3mm
2mm) PLASTIC DFN
5
6
7
8
4
3
2
1
FB
GND
SW
SW
SHDN
SS
VIN
GND
TJMAX = 125°C, θJA = 80°C/W
EXPOSED PAD (PIN 9) IS GND, MUST BE SOLDERED TO PCB
6 VIN
5 SS
4 SHDN
SW 1
TOP VIEW
S6 PACKAGE
6-LEAD PLASTIC TSOT-23
GND 2
FB 3
TJMAX = 125°C, θJA = 165°C/W, θJC = 102°C/W
PIN CONFIGURATION
Operating Junction Temperature Range (Note 2)
E Grade ................................................ –40°C to 85°C
I Grade............................................... –40°C to 125°C
Storage Temperature Range................... –65°C to 150°C
Lead Temperature (Soldering, 10 sec)
TSOT................................................................. 300°C
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3467EDDB#PBF
LT3467EDDB#TRPBF
LCPX
8-Lead (3mm
× 2mm) Plastic DFN
–40°C to 85°C
LT3467IDDB#PBF
LT3467IDDB#TRPBF
LCPX
8-Lead (3mm
× 2mm) Plastic DFN
–40°C to 125°C
LT3467AEDDB#PBF
LT3467AEDDB#TRPBF
LCKD
8-Lead (3mm
× 2mm) Plastic DFN
–40°C to 85°C
LT3467AIDDB#PBF
LT3467AIDDB#TRPBF
LCKD
8-Lead (3mm
× 2mm) Plastic DFN
–40°C to 125°C
LT3467IS6#PBF
LT3467IS6#TRPBF
LTACH
6-Lead Plastic TSOT-23
–40°C to 125°C
LT3467ES6#PBF
LT3467ES6#TRPBF
LTACH
6-Lead Plastic TSOT-23
–40°C to 85°C
LT3467AES6#PBF
LT3467AES6#TRPBF
LTBCC
6-Lead Plastic TSOT-23
–40°C to 85°C
LT3467AIS6#PBF
LT3467AIS6#TRPBF
LTBCC
6-Lead Plastic TSOT-23
–40°C to 125°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3467EDDB
LT3467EDDB#TR
LCPX
8-Lead (3mm
× 2mm) Plastic DFN
–40°C to 85°C
LT3467IDDB
LT3467IDDB#TR
LCPX
8-Lead (3mm
× 2mm) Plastic DFN
–40°C to 125°C
LT3467AEDDB
LT3467AEDDB#TR
LCKD
8-Lead (3mm
× 2mm) Plastic DFN
–40°C to 85°C
LT3467AIDDB
LT3467AIDDB#TR
LCKD
8-Lead (3mm
× 2mm) Plastic DFN
–40°C to 125°C
LT3467IS6
LT3467IS6#TR
LTACH
6-Lead Plastic TSOT-23
–40°C to 125°C
LT3467ES6
LT3467ES6#TR
LTACH
6-Lead Plastic TSOT-23
–40°C to 85°C
LT3467AES67
LT3467AES6#TR
LTBCC
6-Lead Plastic TSOT-23
–40°C to 85°C
LT3467AIS67
LT3467AIS67#TR
LTBCC
6-Lead Plastic TSOT-23
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com