Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3467 Datasheet(PDF) 3 Page - Linear Technology

Part # LT3467
Description  1.1A Step-Up DC/DC Converter with Integrated Soft-Start
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3467 Datasheet(HTML) 3 Page - Linear Technology

  LT3467 Datasheet HTML 1Page - Linear Technology LT3467 Datasheet HTML 2Page - Linear Technology LT3467 Datasheet HTML 3Page - Linear Technology LT3467 Datasheet HTML 4Page - Linear Technology LT3467 Datasheet HTML 5Page - Linear Technology LT3467 Datasheet HTML 6Page - Linear Technology LT3467 Datasheet HTML 7Page - Linear Technology LT3467 Datasheet HTML 8Page - Linear Technology LT3467 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
LT3467/LT3467A
3
3467afe
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LT3467E/LT3467AE are guaranteed to meet performance
specifications from 0°C to 85°C, junction temperature. Specifications over
the –40°C to 85°C operating junction temperature range are assured by
design, characterization and correlation with statistical process controls.
The LT3467I/LT3467AI are guaranteed over the full –40°C to 125°C
operating junction temperature range.
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3V, VSHDN = VIN unless otherwise noted. Specifications are for both
the LT3467 and LT3467A unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Operating Voltage
2.2
2.4
V
Maximum Operating Voltage
16
V
Feedback Voltage
l
1.230
1.220
1.255
1.270
1.280
V
V
FB Pin Bias Current
(Note 3)
l
10
50
nA
Quiescent Current
VSHDN = 2.4V, Not Switching
1.2
2
mA
Quiescent Current in Shutdown
VSHDN = 0.5V, VIN = 3V
0.01
1
μA
Reference Line Regulation
2.6V ≤ VIN ≤ 16V
0.01
0.05
%/V
Switching Frequency
LT3467
LT3467A
LT3467A
l
1
1.6
1.6
1.3
2.1
1.6
2.7
MHz
MHz
MHz
Maximum Duty Cycle
LT3467
LT3467
LT3467A
LT3467A
l
l
88
87
82
78
94
88
%
%
%
%
Minimum Duty Cycle
10
%
Switch Current Limit
At Minimum Duty Cycle
At Maximum Duty Cycle (Note 4)
1.4
0.8
1.8
1.2
2.5
1.9
A
A
Switch VCESAT
ISW = 1.1A
330
500
mV
Switch Leakage Current
VSW = 5V
0.01
1
μA
SHDN Input Voltage High
2.4
V
SHDN Input Voltage Low
0.5
V
SHDN Pin Bias Current
VSHDN = 3V
VSHDN = 0V
16
0
32
0.1
μA
μA
SS Charging Current
VSS = 0.5V
2
3
4.5
μA
Note 3: Current flows out of the pin.
Note 4: See Typical Performance Characteristics for guaranteed current
limit vs duty cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com