Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3467 Datasheet(PDF) 4 Page - Linear Technology

Part # LT3467
Description  1.1A Step-Up DC/DC Converter with Integrated Soft-Start
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3467 Datasheet(HTML) 4 Page - Linear Technology

  LT3467 Datasheet HTML 1Page - Linear Technology LT3467 Datasheet HTML 2Page - Linear Technology LT3467 Datasheet HTML 3Page - Linear Technology LT3467 Datasheet HTML 4Page - Linear Technology LT3467 Datasheet HTML 5Page - Linear Technology LT3467 Datasheet HTML 6Page - Linear Technology LT3467 Datasheet HTML 7Page - Linear Technology LT3467 Datasheet HTML 8Page - Linear Technology LT3467 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
LT3467/LT3467A
4
3467afe
TYPICAL PERFORMANCE CHARACTERISTICS
Current Limit vs Duty Cycle
Switch Saturation Voltage
vs Switch Current
Oscillator Frequency
vs Temperature
Soft-Start Current
vs Soft-Start Voltage
Peak Switch Current
vs Soft-Start Voltage
Start-Up Waveform
(Figure 2 Circuit)
Quiescent Current vs Temperature
FB Pin Voltage vs Temperature
SHDN Current vs SHDN Voltage
TEMPERATURE (°C)
–40
95 110
3467 G01
5
–10
50
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
–25
35
20
65 80
125
TEMPERATURE (°C)
–40
95 110
3467 G02
5
–10
50
1.26
1.25
1.24
1.23
1.22
1.21
1.20
–25
35
20
65 80
125
VSHDN (V)
0
8
140
120
100
80
60
40
20
0
3467 G03
416
12
2
10
618
14
TA = 25°C
DC (%)
10
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
30
50
60
3467 G04
20
40
70
80
90
TYPICAL
GUARANTEED
TA = 25°C
VCESAT
100mV/DIV
SW CURRENT 200mA/DIV
TA = 85°C
TA = 25°C
TA = –40°C
3467 G05
TEMPERATURE (°C)
–50
100
3467 G06
050
–25
25
75
2.50
2.25
2.00
1.75
1.50
1.25
1.00
0.75
0.50
0.25
0
LT3467A
LT3467
VSS (mV)
0
50
150
250
350
450
6
5
4
3
2
1
0
100
200
300
400
3467 G07
500
TA = 25°C
VSS (mV)
0
50
150
250
350
450
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
100
200
300
400
3467 G08
500
TA = 25°C
VSHDN
2V/DIV
VOUT
1V/DIV
ISUPPLY
0.5A/DIV
0.5ms/DIV
3467 G09



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com