Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3992 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN3992
Description  Using an STM8L162M8 AES hardware accelerator with a CR95HF to encrypt contactless tag data memory
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3992 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN3992 Datasheet HTML 6Page - STMicroelectronics AN3992 Datasheet HTML 7Page - STMicroelectronics AN3992 Datasheet HTML 8Page - STMicroelectronics AN3992 Datasheet HTML 9Page - STMicroelectronics AN3992 Datasheet HTML 10Page - STMicroelectronics AN3992 Datasheet HTML 11Page - STMicroelectronics AN3992 Datasheet HTML 12Page - STMicroelectronics AN3992 Datasheet HTML 13Page - STMicroelectronics AN3992 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Firmware description
AN3992
10/22
Doc ID 022369 Rev 3
3.3
Key derivation mode
AES is a symmetric cryptography algorithm. The AES hardware accelerator can compute a
derived key from an encryption key that is named “Decryption key”. The decryption key is
pre-computed to speed-up the decryption phase.
In this mode, the AES takes the encryption key as an input and provides the decryption key
as an output. This mode takes 320 clock cycles.
Figure 4.
AES hardware accelerator: key derivation mode
In the example above, the decryption key, computed from the “Ultralow Power” encryption
key, is “91 DF 30 53 7A E9 49 19 92 FF 8D F8 C4 9B B7 4D" (hex format).
The algorithm given in Figure 5 provides the steps needed to use the AES hardware.
MS19718V1
AES hardware accelerator:
key derivation mode
Encryption Key=
"ultra-low power.”
Decryption Key=
"91 DF 30 53 7A E9 49 19
92 FF 8D F8 C4 9B B7 4D”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com