Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3992 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN3992
Description  Using an STM8L162M8 AES hardware accelerator with a CR95HF to encrypt contactless tag data memory
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3992 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN3992 Datasheet HTML 8Page - STMicroelectronics AN3992 Datasheet HTML 9Page - STMicroelectronics AN3992 Datasheet HTML 10Page - STMicroelectronics AN3992 Datasheet HTML 11Page - STMicroelectronics AN3992 Datasheet HTML 12Page - STMicroelectronics AN3992 Datasheet HTML 13Page - STMicroelectronics AN3992 Datasheet HTML 14Page - STMicroelectronics AN3992 Datasheet HTML 15Page - STMicroelectronics AN3992 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
Application setup
AN3992
12/22
Doc ID 022369 Rev 3
4
Application setup
4.1
Hardware
4.1.1
STM8L162M8 microcontroller
High-density STM8L162M8 Ultralow power devices feature an enhanced STM8 CPU core
providing increased processing power (up to 16 MIPS at 16 MHz) while maintaining the
advantages of a CISC architecture with improved code density, a 24-bit linear addressing
space and an optimized architecture for low power operations.
All high-density STM8L162M8 microcontroller features include data EEPROM and low
power low-voltage single-supply program Flash memory.
The devices incorporate an extensive range of enhanced I/Os and peripherals, a 12-bit
ADC, two DACs, two comparators, a real-time clock, an AES, 8x40 or 4x44-segment LCD,
four 16-bit timers, one 8-bit timer, as well as standard communication interfaces such as two
SPIs, an I2C interface, and three USARTs. The modular design of the peripheral set allows
the same peripherals to be found in different ST microcontroller families including 32-bit
families.
The STM8L162M8 can be used with the STM8L1528_EVAL board.
4.1.2
STM8L1528_EVAL evaluation board
Figure 6.
STM8L1528_EVAL board (Rev. A) connectors
The STM8L1528-EVAL evaluation board is designed as a complete demonstration and
development platform for the STM8 core based STM8L152M8T6 microcontroller with an I2C
interface, 2 SPI channels, 3 USART channels, a 12-bit ADC, two 12-bit DACs, an LCD
driver, an internal SRAM, data EEPROM and Flash program memory as well as SWIM
debugging support.
The full range of hardware features on the board is provided to help you evaluate all the
MCU peripherals (motor control, USART, microphone, audio DAC, LCD, IR LED, IrDA, SPI
Flash, MicroSD card, temperature sensor, EEPROM… etc.) and develop your own
applications. Extension headers make it possible to easily connect a daughter board or
wrapping board for your specific applications.
In the STM8L1528-EVAL board
REV A, the MCU is replaced by
STM8L162M8T6 device
USB connector used to
supply the board and
program the STM8L
RS232 connector for
communication with
HyperTerminal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com