Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM0212 Datasheet(PDF) 6 Page - STMicroelectronics

Part # PM0212
Description  How to program the STM8TL5xxx Flash program memory and data EEPROM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0212 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button PM0212 Datasheet HTML 2Page - STMicroelectronics PM0212 Datasheet HTML 3Page - STMicroelectronics PM0212 Datasheet HTML 4Page - STMicroelectronics PM0212 Datasheet HTML 5Page - STMicroelectronics PM0212 Datasheet HTML 6Page - STMicroelectronics PM0212 Datasheet HTML 7Page - STMicroelectronics PM0212 Datasheet HTML 8Page - STMicroelectronics PM0212 Datasheet HTML 9Page - STMicroelectronics PM0212 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Memory organization
PM0212
6/22
Doc ID 022351 Rev 2
2
Memory organization
STM8TL5xxx microcontrollers feature up to 16 Kbytes of Flash program memory including
up to 2 Kbytes of data EEPROM.
A memory accelerator takes advantage of the parallel 4-byte storage, which corresponds to
a word. The Flash program memory and data EEPROM can be erased and programmed at
byte level, word level or block level. In word programming mode, 4 bytes are
programmed/erased during the same cycle, while in block programming mode, a whole
block is programmed/erase during the same cycle.
2.1
Memory features
The STM8TL5xxx memory features are as follows:
Up to 16 Kbytes of Flash program memory including up to 2 Kbytes of data EEPROM.
The whole memory array is divided into 256 pages of one block (64 bytes) each.
The Flash program memory is divided into 3 areas:
The user boot code area (UBC)
A configurable data EEPROM area (DATA)
The main program area
The DATA and main program areas can be write protected independently by using the
memory access security mechanism (MASS).
The size of UBC, and DATA areas can be configured through option bytes.
One block (64 bytes) of option bytes of which 5 bytes are already used to configure
device hardware features. The option bytes can be programmed only in ICP/SWIM
mode.
Refer to Table 1: STM8TL5xxx memory partitions for a detailed description of STM8TL5xxx
memory partitioning.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com