Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM0212 Datasheet(PDF) 5 Page - STMicroelectronics

Part # PM0212
Description  How to program the STM8TL5xxx Flash program memory and data EEPROM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0212 Datasheet(HTML) 5 Page - STMicroelectronics

  PM0212 Datasheet HTML 1Page - STMicroelectronics PM0212 Datasheet HTML 2Page - STMicroelectronics PM0212 Datasheet HTML 3Page - STMicroelectronics PM0212 Datasheet HTML 4Page - STMicroelectronics PM0212 Datasheet HTML 5Page - STMicroelectronics PM0212 Datasheet HTML 6Page - STMicroelectronics PM0212 Datasheet HTML 7Page - STMicroelectronics PM0212 Datasheet HTML 8Page - STMicroelectronics PM0212 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
PM0212
Glossary
Doc ID 022351 Rev 2
5/22
Single wire interface module (SWIM)
The SWIM is a communication protocol managed by hardware in the STM8
microcontrollers. The SWIM main purpose is to provide non intrusive debug capability.
It can also be used to download programs into RAM and execute them. It can also write
(registers or RAM) or read any part of the memory space and jump to any memory
address. The SWIM protocol is used for ICP. It is accessed by providing a specific
sequence on the SWIM pin either during the reset phase or when the device is running
(if allowed by the application).
User boot code area (UBC)
The user boot code area is a write-protected area which contains reset vector, interrupt
vectors, and IAP routine for the device to be able to recover from interrupted or
erroneous IAP programming.
User mode
The user mode is the standard user software running mode in the STM8. It is entered
either by performing a power-on-reset on the device or by issuing the SWIM SRST
command from a development tool.
Word
A word is a set of 4 bytes and corresponds to the memory granularity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com