Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM0212 Datasheet(PDF) 4 Page - STMicroelectronics

Part # PM0212
Description  How to program the STM8TL5xxx Flash program memory and data EEPROM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0212 Datasheet(HTML) 4 Page - STMicroelectronics

  PM0212 Datasheet HTML 1Page - STMicroelectronics PM0212 Datasheet HTML 2Page - STMicroelectronics PM0212 Datasheet HTML 3Page - STMicroelectronics PM0212 Datasheet HTML 4Page - STMicroelectronics PM0212 Datasheet HTML 5Page - STMicroelectronics PM0212 Datasheet HTML 6Page - STMicroelectronics PM0212 Datasheet HTML 7Page - STMicroelectronics PM0212 Datasheet HTML 8Page - STMicroelectronics PM0212 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Glossary
PM0212
4/22
Doc ID 022351 Rev 2
1
Glossary
This section gives a brief definition of acronyms and terms used in this document:
Block
A block is a set of bytes that can be programmed or erased in one single programming
operation. Operations that are available on a block are fast programming, erase only,
and standard programming (which includes an erase operation). Refer to Section 2:
Memory organization for details on block size according to the device.
Driver
A driver is a control program defined by the application developer. It is used to manage
the allocation of system resources to start application programs. In this document two
drivers are described, ICP and IAP drivers.
In-application programming (IAP)
IAP is the ability to re-program the Flash program memory and data EEPROM (DATA)
of a microcontroller while the device is already plugged-in to the application and the
application is running.
In-circuit programming (ICP)
ICP is the ability to program the Flash program memory and data EEPROM of a
microcontroller using the SWIM protocol while the device is plugged-in to the
application.
In-circuit debugging (ICD)
ICD is the ability to debug the user software using the SWIM protocol. The user has the
ability to connect the device to a debugger and insert breakpoints in his firmware.
Debugging may be intrusive (application patched to allow debugging) or non intrusive
(using a debug module).
Memory access security system (MASS) keys
The Memory access security system (MASS) consists of a memory write protection
lock designed to prevent unwanted memory modifications due to EMS or program
counter loss. To unlock the memory protection, one or more keys must be written in a
dedicated register and in a specific order. When the operation (write or erase) is
completed, the MASS must be activated again to provide good memory security.
Page
A page is a set of blocks. The number of blocks in a page may differ from one device to
another. Refer to Section 2: Memory organization for details on page size according to
the device.
Dedicated option bytes can be used to configure by increments of one page the size of
the user boot code, the proprietary code, and the data EEPROM.
Proprietary code area (PCODE)
The proprietary code area (PCODE) can be used to protect proprietary software
libraries used to drive peripherals. Refer to Section 3.2: Proprietary code area
protection for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com