Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM0312 Datasheet(PDF) 69 Page - STMicroelectronics

Part # RM0312
Description  STM8TL5xxx microcontroller family
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0312 Datasheet(HTML) 69 Page - STMicroelectronics

Back Button RM0312 Datasheet HTML 65Page - STMicroelectronics RM0312 Datasheet HTML 66Page - STMicroelectronics RM0312 Datasheet HTML 67Page - STMicroelectronics RM0312 Datasheet HTML 68Page - STMicroelectronics RM0312 Datasheet HTML 69Page - STMicroelectronics RM0312 Datasheet HTML 70Page - STMicroelectronics RM0312 Datasheet HTML 71Page - STMicroelectronics RM0312 Datasheet HTML 72Page - STMicroelectronics RM0312 Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 275 page
background image
DocID022352 Rev 3
69/275
RM0312
Power management
74
9.4
Low power modes
By default, the microcontroller is in run mode after a system or power reset. However the
device supports three low power modes to achieve the best compromise between low
power consumption, short startup time and available wakeup sources:
– Wait mode: The CPU clock is stopped, but selected peripherals keep running. An
internal or external interrupt or a Reset can be used to exit the microcontroller from
Wait mode. Refer to Section 9.4.1: Wait mode on page 70
– Active-halt mode: The CPU and peripheral clocks are stopped, except LSI. The
wakeup can be triggered by AWU or PXS interrupts, external interrupts or reset.
– Halt mode: The CPU and peripheral clocks are stopped, the device remains powered
on. The wakeup is triggered by an external interrupt or reset. A few peripherals also
have wakeup from Halt capability.
The main characteristics of the three low power modes are summarized in Table 17.
In addition, the power consumption in Run mode can be reduced by one of the following
means:
– Slowing down the system clocks
– Gating the peripherals clocks when they are unused
Refer to Section 9.2: Managing the clock for low consumption on page 68.
Table 17. Low power mode management
Mode
(consumption
level)
Main voltage
regulator
(MVR)
Oscillators
CPU
Peripherals
Wakeup trigger event
Wait
( - )
WFI
ON
ON
OFF
ON(1)
All internal or external
interrupts, reset
WFE ON
ON
OFF
ON(1)
All internal or external
interrupts(2), WFE
events, reset
Active-halt
( - - )
AWU
OFF
(LPVR ON)
HSI OFF,
LSI ON
OFF
Only AWU, BEEP and
IWDG if activated and if
“no watchdog in Halt”
option disabled
AWU or external(3)
interrupts, reset
PXS
ON
HSI OFF,
LSI OFF,
HSI_PXS ON
OFF
PXS
PXS, external(3)
interrupts or reset
Halt
( - - - )
OFF
(LPVR ON)
LSI ON if IWDG
activated and if
"no watchdog in
Halt" option is
disabled.
OFF
Only BEEP and IWDG if
activated and if “no
watchdog in Halt” option
disabled
External interrupts(3),
reset
1. If the peripheral clock is not disabled by Peripheral Clock Gating function.
2. Refer to: Wait for event (WFE) mode on page 70
3. Including communication peripheral interrupts (see interrupt vector table).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com