Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM0312 Datasheet(PDF) 28 Page - STMicroelectronics

Part # RM0312
Description  STM8TL5xxx microcontroller family
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0312 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button RM0312 Datasheet HTML 24Page - STMicroelectronics RM0312 Datasheet HTML 25Page - STMicroelectronics RM0312 Datasheet HTML 26Page - STMicroelectronics RM0312 Datasheet HTML 27Page - STMicroelectronics RM0312 Datasheet HTML 28Page - STMicroelectronics RM0312 Datasheet HTML 29Page - STMicroelectronics RM0312 Datasheet HTML 30Page - STMicroelectronics RM0312 Datasheet HTML 31Page - STMicroelectronics RM0312 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 275 page
background image
Flash program memory and data EEPROM
RM0312
28/275
DocID022352 Rev 3
Figure 5. UBC area size definition for touch sensing STM8TL5xxx devices
1. UBC[7:0]= 0x00 means no memory space is allocated for the UBC area.
2. Page 255 is reserved for the main program area or data EEPROM.
4.4.3
Data EEPROM (DATA)
The data EEPROM area can be used to store application data. By default, the DATA area is
write protected to prevent unintentional modification when the main program is updated in
IAP mode. The write protection can be unlocked only by using a specific MASS key
sequence (refer to Enabling write access to the DATA area).
The size of the DATA area can be configured through the DATA option byte (DATASIZE) in
ICP mode. This option byte specifies the number of pages (64 bytes) starting down from
address 0x00 BFFF.
The maximum size of the DATA area is of 2 Kbytes, corresponding to start address
0x00 B800 (see Figure 4) i.e. up to 32 pages of 64 bytes can be defined as data EEPROM.
4.4.4
Main program area
The main program is the area which starts at the end of the UBC or PCODE and ends at
address 0x00 BFFF. It is used to store the application code (see Figure 4).
4.4.5
Option bytes
The option bytes are used to configure device hardware features and memory protection.
They are located in a dedicated memory array of one block.
The option bytes can be modified only in ICP/SWIM mode with OPT bit of the FLASH_CR2
register set to 1 (see Section 4.8.2: Flash control register 2 (FLASH_CR2)).
0x00 BFFF
0x00 BFBF
0x00 BF7F
0x 00 BF3F
0x 00 BEBF
0x00 80FF
0x 00 80BF
0x 00 807F
Page 254
Page 253
Page 252
Page 251
Page 3
Page 2
Page 1
Page 0
0x00 8000
Interrupt vector table
64 bytes
64 bytes
64 bytes
64 bytes
64 bytes
64bytes
Interrupt vector table
3 pages to 255 pages
255 pages
User boot code area(2)
UBC[7:0] =0x03
192 bytes
64 bytes
Page 255
0x00 803F
0x00 BEFF
UBC[7:0]
≤ 0xFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com