Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM0312 Datasheet(PDF) 27 Page - STMicroelectronics

Part # RM0312
Description  STM8TL5xxx microcontroller family
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0312 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button RM0312 Datasheet HTML 23Page - STMicroelectronics RM0312 Datasheet HTML 24Page - STMicroelectronics RM0312 Datasheet HTML 25Page - STMicroelectronics RM0312 Datasheet HTML 26Page - STMicroelectronics RM0312 Datasheet HTML 27Page - STMicroelectronics RM0312 Datasheet HTML 28Page - STMicroelectronics RM0312 Datasheet HTML 29Page - STMicroelectronics RM0312 Datasheet HTML 30Page - STMicroelectronics RM0312 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 275 page
background image
DocID022352 Rev 3
27/275
RM0312
Flash program memory and data EEPROM
39
4.4.1
Proprietary code area (PCODE)
The proprietary code area (PCODE) can be used to protect proprietary software libraries
used to drive peripherals.
The size of the PCODE area can be configured through the PCODE option byte
(PCODESIZE) in ICP mode (using the SWIM interface). This option byte specifies the
number of pages (64-byte granularity) allocated for the PCODE area starting from address
0x00 8000. Once programmed, the PCODE option byte cannot be erased, and the size of
the PCODE area remains fixed.
The minimum meaningful size of the PCODE area is 1 page ranging from address 0x8080
to 0x80BF while the PCODESIZE is set to the value 3. The maximum size of the PCODE
area is 253 pages ranging from address 0x00 8080 to 0x00 BFBF (while the PCODESIZE is
0xFF). In this case, only one page is left either for the main program area or for data
EEPROM. While the PCODE is enabled the TRAP interrupt vector is write protected.
The PCODE area is automatically readout protected except for the TRAP interrupt vector
(see Section 4.5.1: Readout protection). The readout protection cannot be disabled in this
area. This means that the content of the PCODE area cannot be read or modified.
The PCODE area can be accessed only through the TRAP vector.
4.4.2
User boot area (UBC)
The user boot area (UBC) contains the reset and the interrupt vectors. It can be used to
store the IAP and communication routines. The UBC area has a second level of protection
to prevent unintentional erasing or modification during IAP programming. This means that it
is always write protected and the write protection cannot be unlocked using the MASS keys.
The size of the UBC area can be obtained by reading the UBC option byte.
The size of the UBC area can be configured in ICP mode (using the SWIM interface)
through the UBC option byte. The UBC option byte specifies the number of pages allocated
for the UBC area starting from address 0x00 8000.
The minimum meaningful size of the UBC area is of 3 pages of which 2 are used to store the
interrupt vectors.
Note:
When a PCODE area has been defined, the minimum size of the UBC should be
PCODESIZE+1. The portion of the UBC available to store the boot code is the area located
between the end of the PCODE area and the end of the defined UBC area.
The maximum size of the boot area is 255 pages ranging from address 0x00 8000 to
0x00 BFBF (including the interrupt vectors). In this case, only one page is left either for the
main program area or for data EEPROM.
Refer to Figure 5 for a description of the UBC area memory mapping and to the option byte
section in the datasheets for more details on the UBC option byte.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com