Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM0312 Datasheet(PDF) 242 Page - STMicroelectronics

Part # RM0312
Description  STM8TL5xxx microcontroller family
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0312 Datasheet(HTML) 242 Page - STMicroelectronics

Back Button RM0312 Datasheet HTML 238Page - STMicroelectronics RM0312 Datasheet HTML 239Page - STMicroelectronics RM0312 Datasheet HTML 240Page - STMicroelectronics RM0312 Datasheet HTML 241Page - STMicroelectronics RM0312 Datasheet HTML 242Page - STMicroelectronics RM0312 Datasheet HTML 243Page - STMicroelectronics RM0312 Datasheet HTML 244Page - STMicroelectronics RM0312 Datasheet HTML 245Page - STMicroelectronics RM0312 Datasheet HTML 246Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 242 / 275 page
background image
Universal synchronous/asynchronous receiver transmitter (USART)
RM0312
242/275
DocID022352 Rev 3
21.4
USART low power modes
21.5
USART interrupts
Note:
1
The USART interrupt events are connected to two interrupt vectors (see Figure 94).
a)
Transmission Complete or Transmit Data Register empty interrupt.
b)
Idle line detection, Overrun error, Receive data register full, Parity error interrupt,
and Noise flag.
2
These events generate an interrupt if the corresponding enable control bit is set and the
interrupt mask in the CCR register is reset (RIM instruction).
Figure 94. USART interrupt mapping diagram
Table 50. USART interface behavior in low power modes
Mode
Description
Wait
No effect on USART.
USART interrupts cause the device to exit from Wait mode.
Halt
USART registers are frozen.
In Halt mode, the USART stops transmitting/receiving until Halt mode is exited.
Table 51. USART interrupt requests
Interrupt event
Event flag
Enable
control bit
Exit from
Wait
Exit from
Halt
Transmit data register empty
TXE
TIEN
Yes
No
Transmission complete
TC
TCIEN
Yes
No
Received data ready to be read
RXNE
RIEN
Yes
No
Overrun error detected
OR
Yes
No
Idle line detected
IDLE
ILIEN
Yes
No
Parity error
PE
PIEN
Yes
No
TC
TCIEN
TXE
TIEN
IDLE
ILIEN
RIEN
OR
RIEN
RXNE
PE
PIEN
Transmitter Interrupt
Receiver Interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com