Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0853 Datasheet(PDF) 10 Page - STMicroelectronics

Part # UM0853
Description  M24LRxx application software user guide
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0853 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button UM0853 Datasheet HTML 6Page - STMicroelectronics UM0853 Datasheet HTML 7Page - STMicroelectronics UM0853 Datasheet HTML 8Page - STMicroelectronics UM0853 Datasheet HTML 9Page - STMicroelectronics UM0853 Datasheet HTML 10Page - STMicroelectronics UM0853 Datasheet HTML 11Page - STMicroelectronics UM0853 Datasheet HTML 12Page - STMicroelectronics UM0853 Datasheet HTML 13Page - STMicroelectronics UM0853 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 56 page
background image
Tool kit descriptions
UM0853
10/56
Doc ID 16609 Rev 3
Figure 10.
STM32-PRIMER2
1.
Not included in the kit, to be ordered separately.
2.3
M24LRxx starter kit
Ordering information: STARTKIT-M24LR-A
The starter kit contains:
●
A short-range RF reader (ISO 15693, RF 13.56 MHz), interfaced via the USB bus
(including the external I²C bus cable + connector) illustrated in Figure 11
●
M24LR64-R reference antennas:
–
ANT1-M24LR-A shown in Figure 12: RF antenna size: 75 mm × 45 mm (2.9 in ×
1.77 in)
–
ANT2-M24LR-A shown in Figure 13: RF antenna size: 20 mm × 40 mm (0.79 in ×
1.57 in)
●
M24LR64-R samples in SO8 package (see Figure 7)
Figure 11.
I²C & RF reader



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com