Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0853 Datasheet(PDF) 25 Page - STMicroelectronics

Part # UM0853
Description  M24LRxx application software user guide
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0853 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button UM0853 Datasheet HTML 21Page - STMicroelectronics UM0853 Datasheet HTML 22Page - STMicroelectronics UM0853 Datasheet HTML 23Page - STMicroelectronics UM0853 Datasheet HTML 24Page - STMicroelectronics UM0853 Datasheet HTML 25Page - STMicroelectronics UM0853 Datasheet HTML 26Page - STMicroelectronics UM0853 Datasheet HTML 27Page - STMicroelectronics UM0853 Datasheet HTML 28Page - STMicroelectronics UM0853 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 56 page
background image
UM0853
How to control the RF and I²C channels from your screen
Doc ID 16609 Rev 3
25/56
Figure 40.
Sector 0 block 0
From 0001 to 0005 reads the blocks 1, 2, 3, 4, 5 in sector 0 as shown in Figure 41.
Figure 41.
Sector 0 blocks 1 to 5
How to read the memory area with the RF Interface:
●
The first column (sector) indicates the sector read.
●
The second column (block) indicates the address of the block read.
●
The third column (data) shows the contents of the M24LRxx at the specified
addresses.
●
The fourth column (sss) gives the sector security status.
Example: in Figure 41 above, the data 49 46 00 01 means:
49 (49h Hex) is the first piece of data read in block number 0002 (sector 0)
46 (46h Hex) is the second piece of data read in block number 0002 (sector 0)
00 (00h Hex) is the third piece of data read in block number 0002 (sector 0)
01 (01h Hex) is the fourth piece of data read in block number 0002 (sector 0)
3.2.8
Write command
The Write button launches RF requests to write data to the M24LRxx EEPROM from the
block address specified in the from field to the block address entered in the to field.
In Figure 42, the Write command fills the blocks 0000h to 001Fh with “A1 34 09 67”.
Figure 42.
Initiating a write operation
You can choose to write the same byte four times by changing the value in the Fill with field.
In the example below, the byte 55 is to be written four times.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com