Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1510 Datasheet(PDF) 39 Page - STMicroelectronics

Part # UM1510
Description  STM32L152D-EVAL demonstration firmware
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1510 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button UM1510 Datasheet HTML 35Page - STMicroelectronics UM1510 Datasheet HTML 36Page - STMicroelectronics UM1510 Datasheet HTML 37Page - STMicroelectronics UM1510 Datasheet HTML 38Page - STMicroelectronics UM1510 Datasheet HTML 39Page - STMicroelectronics UM1510 Datasheet HTML 40Page - STMicroelectronics UM1510 Datasheet HTML 41Page - STMicroelectronics UM1510 Datasheet HTML 42Page - STMicroelectronics UM1510 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 69 page
background image
UM1510
Running the demonstration
Doc ID 022713 Rev 1
39/69
Figure 45.
Enter Run LP Mode submenu
When the external rising edge is generated on PA0, the MCU exits the Run LP Mode, the
STM32L message is displayed on the LCD Glass and the message shown in Figure 46 is
displayed on the LCD screen.
Figure 46.
Run LP Mode display submenu
Once the joystick push-button has been pressed, the MCU exits the IDD RUN LP Mode
submenu and the message shown in Figure 41 is displayed on the LCD screen.
Note:
After executing the Run LP Mode submenu, if the RTC is OFF, you have to re-configure the
time, date and alarm (Refer to Calendar menu).
●
If the IDD SLEEP Mode submenu is selected, the SLEEP message is displayed on the
LCD Glass and the message shown in Figure 47 is displayed on the LCD screen. The
MCU enters in SLEEP mode and waits for the rising edge on PA0 (push-button) to exit
the SLEEP mode.
MCU in RUN LP Mode
from Flash memory
all peripherals OFF
Run at MSI 32KHz
all I/O in Analog
input and RTC OFF (ON)
RUN LP Mode
Press Joystick to
continue.
IDD: xxx,xxx uA
MCU in RUN LP Mode
Press Joystick to
continue.
IDD: xxx,xxx uA
STM32L LowPower Mode
from Flash memory
all peripherals OFF
Run at MSI 32KHz
all I/O in Analog
input and RTC OFF (ON)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com