Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1510 Datasheet(PDF) 45 Page - STMicroelectronics

Part # UM1510
Description  STM32L152D-EVAL demonstration firmware
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1510 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button UM1510 Datasheet HTML 41Page - STMicroelectronics UM1510 Datasheet HTML 42Page - STMicroelectronics UM1510 Datasheet HTML 43Page - STMicroelectronics UM1510 Datasheet HTML 44Page - STMicroelectronics UM1510 Datasheet HTML 45Page - STMicroelectronics UM1510 Datasheet HTML 46Page - STMicroelectronics UM1510 Datasheet HTML 47Page - STMicroelectronics UM1510 Datasheet HTML 48Page - STMicroelectronics UM1510 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 69 page
background image
UM1510
Running the demonstration
Doc ID 022713 Rev 1
45/69
Figure 57.
Measure Bias submenu
If the joystick push-button has been pressed, the MCU exits the Measure Bias submenu and
the message shown in Figure 56 is displayed on the LCD screen.
If the SEL push-button has been pressed, the MCU starts the Measure Bias submenu and
the message shown in Figure 58 is displayed on the LCD screen.
Figure 58.
Measure Bias Mode (Procedure Start) submenu
Once the joystick push-button has been pressed, the MCU enters the Stop mode and waits
for the rising edge on PA0, that can be generated by the external counter, to exit the MCU
from Stop mode.
When the external rising edge is generated on PA0, the MCU exits the Stop mode, the
STM32L message is displayed on the LCD Glass and the message shown in Figure 59 is
displayed on the LCD screen.
Current Bias Value
IDD: xxx,xxx uA
stored in DATAEEPROM
Current Bias Value
exit.
SEL push-button.
To start Bias
measurement press
Press JoyStick to
MCU will be in STOP
Bias Measurement
Make sure that JP4
is in position 1<->2
Press JoyStick to
continue.
Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com