| Electronic Components Datasheet Search |
|
UM1510 Datasheet(PDF) 41 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1510 Datasheet(HTML) 41 Page - STMicroelectronics |
|
41 / 69 page ![]() UM1510 Running the demonstration Doc ID 022713 Rev 1 41/69 Figure 49. Enter Sleep LP Mode submenu Once the joystick push-button has been pressed, the MCU enters in Sleep LP mode and waits for the rising edge on PA0, that can be generated by the external counter, to exit the MCU from SLEEP LP mode. When the external rising edge is generated on PA0, the MCU exits the Sleep LP Mode and the message shown in Figure 50 is displayed on the LCD screen. Figure 50. Sleep LP Mode display submenu Once the joystick push-button has been pressed, the MCU exits the IDD Sleep LP Mode submenu and the message shown in Figure 41 is displayed on the LCD screen. Note: When Sleep LP mode is entered, the system clock is configured to run at MSI 32 KHz, all peripherals are OFF, all I/Os are configured as analog inputs, the RTC is set to OFF, the ultralow power feature is enabled, and the FLASH memory is in power-down. After executing the Sleep LP Mode submenu, the RTC is OFF. Refer to Calendar menu to re-configure the time, date and alarm. ● If the IDD STOP Mode submenu is selected, the STOP message is displayed on the LCD Glass and the message shown in Figure 51 is displayed on the LCD screen. MCU will be in SLEEP peripherals OFF, all I/O in Analog Run at MSI 32KHz all input and RTC OFF Press JoyStick to continue. LP Mode Sleep LP Mode Press JoyStick to continue. IDD: xxx,xxx uA |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |