Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4174 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN4174
Description  Using the SPIRIT1 transceiver under the ARIB STD-T67 standard in the 426 MHz band
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4174 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN4174 Datasheet HTML 2Page - STMicroelectronics AN4174 Datasheet HTML 3Page - STMicroelectronics AN4174 Datasheet HTML 4Page - STMicroelectronics AN4174 Datasheet HTML 5Page - STMicroelectronics AN4174 Datasheet HTML 6Page - STMicroelectronics AN4174 Datasheet HTML 7Page - STMicroelectronics AN4174 Datasheet HTML 8Page - STMicroelectronics AN4174 Datasheet HTML 9Page - STMicroelectronics AN4174 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
An overview of the ARIB STD-T67 standard
AN4174
6/21
Doc ID 023728 Rev 1
Note:
TCT: transmission continuous time.
TQT: transmission quiescence time.
One-way communication,
simplex operation,
broadcast communication,
semi-duplex operation or
duplex operation
429.8125 – 429.9125
(12.5 kHz interval)
0.01 or less
TCT: 40 sec, TQT: 2 sec
429.9250
(12.5 kHz interval)
TCT: 0.2 sec, TQT: 2 sec
449.7125 – 449.8125
(12.5 kHz interval)
TCT: 40 sec, TQT: 2 sec
449.8250
(12.5 kHz interval)
TCT: 0.2 sec, TQT: 2 sec
449.8375 – 449.8375
(12.5 kHz interval)
TCT: 40 sec, TQT: 2 sec
449.8875
(12.5 kHz interval)
TCT: 0.2 sec, TQT: 2 sec
469.4375 – 469.4750
(12.5 kHz interval)
TCT: 40 sec, TQT: 2 sec
469.4875
(12.5 kHz interval)
TCT: 0.2 sec, TQT: 2 sec
Table 1.
Communication method, operating frequencies and antenna power (continued)
Communication method
Operating frequency band
[MHz]
Antenna
power [W]
Transmission time restriction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com