Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4174 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN4174
Description  Using the SPIRIT1 transceiver under the ARIB STD-T67 standard in the 426 MHz band
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4174 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN4174 Datasheet HTML 12Page - STMicroelectronics AN4174 Datasheet HTML 13Page - STMicroelectronics AN4174 Datasheet HTML 14Page - STMicroelectronics AN4174 Datasheet HTML 15Page - STMicroelectronics AN4174 Datasheet HTML 16Page - STMicroelectronics AN4174 Datasheet HTML 17Page - STMicroelectronics AN4174 Datasheet HTML 18Page - STMicroelectronics AN4174 Datasheet HTML 19Page - STMicroelectronics AN4174 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
Receiver parameter
AN4174
16/21
Doc ID 023728 Rev 1
The measurement results are reported in Table 2. Three different data rate cases are
reported. The measurement has been performed connecting two signal generators by a
power combiner. The first generator has been set with the modulation data reported in the
table and with PN9 as data. The level was set to be 3 dB higher than sensitivity. After that,
the second generator was powered on with an un-modulated carrier set at ±12.5 kHz or
±25 kHz from the fundamental and its level was raised until 1% of BER was reached. The
difference between the two levels was the searched value.
The ARIB STD-T67 requirement is also reported in the same table. The SPIRIT1 met the
standard requirement with margin.
4.3
Adjacent channel selectivity at effective selectivity
The adjacent channel selectivity at effective selectivity (the ratio of the jamming wave input
voltage to the encoding reference sensitivity as the output bit error rate of the device
becomes 1 x 10-2 when a jamming wave that is modulated by a signal of repetitive binary
pseudo noise with a code length of 32767 bits and is 12.5 kHz or 25 kHz distant from the
desired wave is applied to a device with channel interval of 12.5 kHz or 25 kHz, respectively,
in a state in which the desired wave input voltage 3 dB higher than the encoding reference
sensitivity is applied) is 30 dB or more.
The measurement results are reported in Table 3. Three different data rate cases are
reported. The measurement has been performed connecting two signal generators by a
power combiner. The first generator has been set with the modulation data reported in the
table and with PN9 as data. The level was set to be 3 dB higher than sensitivity. After that,
the second generator was powered on with a modulated carrier (same modulation, data
rate, frequency deviation and data of the fundamental) set at ±12.5 kHz or ±25 kHz from the
fundamental and its level was raised until 1% of BER was reached. The difference between
the two levels was the searched value.
The ARIB STD-T67 requirement is also reported in the same table. The SPIRIT1 met the
standard requirement with margin.
Table 2.
Communication method, operating frequencies and antenna power
Modulation
Data rate
[Kbps]
Deviation [kHz] Channel filter [kHz]
Spurious response [dB]
-
ΔCh
+
ΔCh
ARIB
GFSK
2.4
2.4
8.5
53
56
40
GFSK
4.8
2.4
8.5
54
52
GFSK
9.6
4.8
16
50
55
Table 3.
Communication method, operating frequencies and antenna power
Modulation
Data rate
[Kbps]
Deviation [kHz] Channel filter [kHz]
Adjacent channel
selectivity [dB]
-
ΔCh
+
ΔCh
ARIB
GFSK
2.4
2.4
8.5
55
52
30
GFSK
4.8
2.4
8.5
50
36
GFSK
9.6
4.8
16
48
45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com