Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4174 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN4174
Description  Using the SPIRIT1 transceiver under the ARIB STD-T67 standard in the 426 MHz band
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4174 Datasheet(HTML) 1 Page - STMicroelectronics

  AN4174 Datasheet HTML 1Page - STMicroelectronics AN4174 Datasheet HTML 2Page - STMicroelectronics AN4174 Datasheet HTML 3Page - STMicroelectronics AN4174 Datasheet HTML 4Page - STMicroelectronics AN4174 Datasheet HTML 5Page - STMicroelectronics AN4174 Datasheet HTML 6Page - STMicroelectronics AN4174 Datasheet HTML 7Page - STMicroelectronics AN4174 Datasheet HTML 8Page - STMicroelectronics AN4174 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
October 2012
Doc ID 023728 Rev 1
1/21
AN4174
Application note
Using the SPIRIT1 transceiver under the ARIB STD-T67
standard in the 426 MHz band
By Placido De Vita
Introduction
The SPIRIT1 is a very low power RF transceiver, intended for RF wireless applications in the
sub-1 GHz band. It is designed to operate both in the license-free ISM and SRD frequency
bands at 169, 315, 433, 868, 915 and 920 MHz.
The Japanese association of radio industries and businesses (ARIB) was established in
response to several trends such as the growing internationalization of telecommunications,
the convergence of telecommunications and broadcasting, and the need to promote radio
related industries. The scope of the ARIB organism is defined as the basic technical
requirements for standard specifications of radio equipment.
This application note outlines the expected performance when using the SPIRIT1 under the
ARIB STD-T67 [2] standard in the 426 MHz band. For details of regulatory limits in the 426
MHz frequency band, please refer to the ARIB STD-T67 standard [2].
This can be downloaded from www.arib.or.jp/english/index.html.
www.st.com


Similar Part No. - AN4174

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN417 STMICROELECTRONICS-AN417 Datasheet
306Kb / 21P
From nickel-cadmium to nickel-hydride fast battery charger
02-Nov-2011
AN4170 STMICROELECTRONICS-AN4170 Datasheet
1Mb / 15P
The STEVAL-CCA042V1 is a demonstration board designed for the evaluation
13-Nov-2012
AN4171 STMICROELECTRONICS-AN4171 Datasheet
797Kb / 14P
The STEVAL-CCA043V1 is a demonstration board designed for the evaluation
13-Nov-2012
AN4172 STMICROELECTRONICS-AN4172 Datasheet
604Kb / 16P
IEEE802.3af class 3 PoE converter reference design
02-Oct-2012
AN4173 STMICROELECTRONICS-AN4173 Datasheet
240Kb / 22P
The aim of this document is to clarify the usage
13-Sep-2013
More results

Similar Description - AN4174

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IKR001V1 STMICROELECTRONICS-STEVAL-IKR001V1 Datasheet
246Kb / 4P
Sub-GHz transceiver development kit based on the SPIRIT1 (169 MHz band)
01-Aug-2012
STEVAL-IKR001V4 STMICROELECTRONICS-STEVAL-IKR001V4 Datasheet
237Kb / 4P
Sub-GHz transceiver development kit based on the SPIRIT1 (868 MHz band)
02-Aug-2012
AN4305 STMICROELECTRONICS-AN4305 Datasheet
1Mb / 20P
Using the SPIRIT1 transceiver with range extender
24-Oct-2013
AN4103 STMICROELECTRONICS-AN4103 Datasheet
2Mb / 20P
Using the SPIRIT1 transceiver under EN 300 220 at 169 MHz
14-May-2013
AN4110 STMICROELECTRONICS-AN4110 Datasheet
1Mb / 18P
Using the SPIRIT1 transceiver under EN 300 220 at 868 MHz
11-Jul-2012
AN4117 STMICROELECTRONICS-AN4117 Datasheet
1Mb / 22P
Using the SPIRIT1 transceiver under EN 300 220 at 434 MHz
01-Oct-2012
AN4133 STMICROELECTRONICS-AN4133 Datasheet
1Mb / 35P
Using the SPIRIT1 transceiver under ARIB STD-T108 in the 920 MHz band
12-Jul-2012
AN4147 STMICROELECTRONICS-AN4147 Datasheet
836Kb / 14P
Using the SPIRIT1 transceiver under FCC title 47 part 15 in the 315 MHz band
06-Aug-2012
AN4148 STMICROELECTRONICS-AN4148 Datasheet
1Mb / 13P
Using the SPIRIT1 transceiver under ARIB STD-T93 in the 315 MHz band
06-Aug-2012
AN4271 STMICROELECTRONICS-AN4271 Datasheet
1Mb / 20P
Using the SPIRIT1 transceiver with range extender under EN 300 220 at 868 MHz
24-Oct-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com