Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4193 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN4193
Description  Low duty cycle operation with the SPIRIT1 transceiver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4193 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN4193 Datasheet HTML 2Page - STMicroelectronics AN4193 Datasheet HTML 3Page - STMicroelectronics AN4193 Datasheet HTML 4Page - STMicroelectronics AN4193 Datasheet HTML 5Page - STMicroelectronics AN4193 Datasheet HTML 6Page - STMicroelectronics AN4193 Datasheet HTML 7Page - STMicroelectronics AN4193 Datasheet HTML 8Page - STMicroelectronics AN4193 Datasheet HTML 9Page - STMicroelectronics AN4193 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Overview of low duty cycle mode
AN4193
6/10
Doc ID 023837 Rev 1
Since in this mode the RX active time can be very short, it may be worthwhile to also take
into account the time to move from the SLEEP state to the RX state, which is in the order of
120 μs.
An equation that approximates the average current consumption in this mode is as follows:
Equation 3
The equation assumes that there is an average current consumption of 9 mA during the
transition from SLEEP to RX.
It is important to understand that this mode also requires some cooperation from the
microcontroller driving the SPIRIT1. In particular, since the RX timeout is stopped upon
detection of an RSSI value above a certain threshold, two cases can occur:
1.
A valid packet is detected and the reception is completed and signaled to the micro
2.
No packet is detected and the SPIRIT1 can stay indefinitely in the RX state
In order to avoid case 2, it is suggested that upon detection of the RSSI signal, the
microcontroller starts a timer and then aborts reception if a valid packet is not received
within a user-defined timeout.
1.1.3
Current consumption figures
A set of measurements have been taken using an LDC cycle of 100 ms and a variable duty
cycle. The values have been taken using an Agilent N6705B DC power analyzer and are
plotted in
Figure 3. The actual values with comparison to predicted values are shown in
Table 4.
Table 3.
RSSI detection time
RX filter min (kHz)
RX filter max (kHz)
RSSI detection time
(µS)
Comment
4.2
7.0
1800
7
7.014.0950
6
14.0
28.0
550
5
28.0
56.1
346
4
56.1
112.3
280
3
112.3
224.7
175
2
224.7
450.9
90
1
450.9
800.1
34
0
RX
consumption_average
120
6
–
t
RX
+
t
LDC_cycle
------------------------------ 9
t
LDC_cycle
t
RX
–
120
6
–
–
t
LDC_cycle
------------------------------------------------------------ 0.00085 mA
⋅
+
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com