Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4193 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN4193
Description  Low duty cycle operation with the SPIRIT1 transceiver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4193 Datasheet(HTML) 1 Page - STMicroelectronics

  AN4193 Datasheet HTML 1Page - STMicroelectronics AN4193 Datasheet HTML 2Page - STMicroelectronics AN4193 Datasheet HTML 3Page - STMicroelectronics AN4193 Datasheet HTML 4Page - STMicroelectronics AN4193 Datasheet HTML 5Page - STMicroelectronics AN4193 Datasheet HTML 6Page - STMicroelectronics AN4193 Datasheet HTML 7Page - STMicroelectronics AN4193 Datasheet HTML 8Page - STMicroelectronics AN4193 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
January 2013
Doc ID 023837 Rev 1
1/10
AN4193
Application note
Low duty cycle operation with the SPIRIT1 transceiver
By Michele Sardo
Introduction
The SPIRIT1 is a very low power RF transceiver, intended for RF wireless applications in
the sub-1 GHz band. It is designed to operate both in the license-free ISM and SRD
frequency bands at 169, 315, 433, 868, 915 and 920 MHz.
This application note describes how to use the low duty cycle (LDC) mode in order to further
optimize power consumption during reception and transmission operation.
www.st.com


Similar Part No. - AN4193

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4190 STMICROELECTRONICS-AN4190 Datasheet
1Mb / 29P
Antenna selection guidelines
23-Nov-2012
AN4191 STMICROELECTRONICS-AN4191 Datasheet
1Mb / 20P
This report shows the analysis performed on Power MOSFET devices
09-Nov-2012
AN4192 STMICROELECTRONICS-AN4192 Datasheet
4Mb / 47P
In the latest generation of CPUs for modern desktop and notebook platforms
13-Nov-2012
AN4195 STMICROELECTRONICS-AN4195 Datasheet
731Kb / 24P
STM32F30x ADC modes and application
04-Mar-2013
AN4198 STMICROELECTRONICS-AN4198 Datasheet
393Kb / 12P
The SPIRIT1 is a very low-power RF transceiver
22-Nov-2012
More results

Similar Description - AN4193

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U6081B TEMIC-U6081B Datasheet
121Kb / 8P
PWM Power Control with Low Duty Cycle Switch Off
logo
STMicroelectronics
AN4305 STMICROELECTRONICS-AN4305 Datasheet
1Mb / 20P
Using the SPIRIT1 transceiver with range extender
24-Oct-2013
AN4126 STMICROELECTRONICS-AN4126 Datasheet
4Mb / 28P
The SPIRIT1 is a very low power RF transceiver
02-Aug-2012
AN4133 STMICROELECTRONICS-AN4133 Datasheet
1Mb / 35P
Using the SPIRIT1 transceiver under ARIB STD-T108 in the 920 MHz band
12-Jul-2012
AN4148 STMICROELECTRONICS-AN4148 Datasheet
1Mb / 13P
Using the SPIRIT1 transceiver under ARIB STD-T93 in the 315 MHz band
06-Aug-2012
AN4169 STMICROELECTRONICS-AN4169 Datasheet
536Kb / 14P
PCB design guidelines for the SPIRIT1 transceiver
18-Oct-2012
AN4198 STMICROELECTRONICS-AN4198 Datasheet
393Kb / 12P
The SPIRIT1 is a very low-power RF transceiver
22-Nov-2012
logo
Linear Technology
LT3504 LINER-LT3504_15 Datasheet
491Kb / 24P
Quad 40V/1A Step-Down Switching Regulator with 100 Duty Cycle Operation
LT3514 LINER-LT3514_15 Datasheet
476Kb / 26P
Triple Step-Down Switching Regulator with 100 Duty Cycle Operation
LT3514 LINER-LT3514 Datasheet
330Kb / 6P
Triple Step-Down Switching Regulator with 100% Duty Cycle Operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com