Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4193 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN4193
Description  Low duty cycle operation with the SPIRIT1 transceiver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4193 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN4193 Datasheet HTML 2Page - STMicroelectronics AN4193 Datasheet HTML 3Page - STMicroelectronics AN4193 Datasheet HTML 4Page - STMicroelectronics AN4193 Datasheet HTML 5Page - STMicroelectronics AN4193 Datasheet HTML 6Page - STMicroelectronics AN4193 Datasheet HTML 7Page - STMicroelectronics AN4193 Datasheet HTML 8Page - STMicroelectronics AN4193 Datasheet HTML 9Page - STMicroelectronics AN4193 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Overview of low duty cycle mode
AN4193
8/10
Doc ID 023837 Rev 1
Figure 4.
Current consumption during wakeup
1.2
Programming tips
This section provides some indication of how to program the SPIRIT1 to perform RX in LDC
mode.
Assuming that the transceiver has been properly initialized, the following steps are required
to activate the LDC mode in reception using the SPIRIT C driver:
1.
SpiritTimerSetWakeUpTimerMs (LDC_CYCLE); // Specify the LDC
cycle time in ms
2.
SpiritTimerSetRxTimeoutMs (RX_TIMEOUT); // Specify RX timeout in
ms
3.
SpiritTimerLdcrMode(S_ENABLE); // Enable LDC mode
4.
SpiritCmdStrobeRx(SPIRIT_CMD_RX); // Start RX
The same commands can be performed as a set of registers access as follow (assuming an
LDC cycle of 100 ms and a RX timeout of 1 ms and a crystal of 50 MHz):
1.
WriteRegister(0x55,0x26), WriteRegister(0x56,0x58) # Set LDC
cycle time
2.
WriteRegister(0x53,0x09), WriteRegister(0x54,0x02) # Set Rx
timeout
3.
WriteRegister(0x50, ReadRegister(0x50) | 1) # Set bit 0 of
register 50 to 1 to activate LDC mode
4.
SendStrobe (0x61)
AM16919V1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com