Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4207 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN4207
Description  The STM32F37x series of microcontrollers combines
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4207 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN4207 Datasheet HTML 2Page - STMicroelectronics AN4207 Datasheet HTML 3Page - STMicroelectronics AN4207 Datasheet HTML 4Page - STMicroelectronics AN4207 Datasheet HTML 5Page - STMicroelectronics AN4207 Datasheet HTML 6Page - STMicroelectronics AN4207 Datasheet HTML 7Page - STMicroelectronics AN4207 Datasheet HTML 8Page - STMicroelectronics AN4207 Datasheet HTML 9Page - STMicroelectronics AN4207 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
Overview of 16-bit SDADC
AN4207
6/28
Doc ID 023945 Rev 1
2
Overview of 16-bit SDADC
2.1
Main features
STM32F37x/38x devices have three embedded Sigma-Delta Analog to Digital Converters
(SDADC). They can be synchronized together and each has the following main features:
●
Effective number of bits (ENOB) equal to 14 bits
●
5 differential input pairs, or 9 single-ended inputs, or a combination
●
High-performance data throughput:
–
16.6 ksps input sampling rate when multiplexing between different channels
–
50 ksps input sampling rate for single-channel operation
●
Programmable gain: x0.5, x1, x2, x4, x8, x16 and x32
●
Selectable reference voltage: VDDSD, 1.22 V, 1.8 V and VREF
2.1.1
Clock selection
The SDADC clock is supplied by SDADCCLK which divides the system clock (SYSCLK) by
a selectable prescaler: 2, 4, 6, 8, 10, 12, 14, 16, 20, 24, 28, 32, 36, 40, 44 and 48.
The typical operating frequency of SDADC is 6 MHz in fast mode and 1.5 MHz in slow
mode.
Example:
If SYSCLK is set to 72 MHz, the SDADC divider should be set to SYSCLK/Typical
Frequency:
Fast speed mode: prescaler = 72 MHz / 6 MHz = 12
Low speed mode: prescaler = 72 MHz / 1.5 MHz = 48
2.1.2
Input modes
The SDADC has three possible input modes, that can be combined.
●
Differential mode:
●
Single ended offset mode
●
Single ended zero reference mode
Differential mode
It is recommended to use differential mode when the sensors being used produce very
small signals that are very susceptible to noise. This is especially the case when using
thermocouple and bridge type sensors (pressure sensors).
In differential mode, the SDADC converts the difference between SDADCx_AINyP and
SDADCx_AINyM. The result can be either positive or negative depending on which input is
at higher voltage.
Note:
The SDADC can not measure negative voltages and the input voltage on each channel must
stay within the electrical limits of the device.
The input range is [-Vref/(2*gain), + Vref/(2*gain)] and the conversion value is in the range [-
32767, +32767]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com