Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4207 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN4207
Description  The STM32F37x series of microcontrollers combines
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4207 Datasheet(HTML) 1 Page - STMicroelectronics

  AN4207 Datasheet HTML 1Page - STMicroelectronics AN4207 Datasheet HTML 2Page - STMicroelectronics AN4207 Datasheet HTML 3Page - STMicroelectronics AN4207 Datasheet HTML 4Page - STMicroelectronics AN4207 Datasheet HTML 5Page - STMicroelectronics AN4207 Datasheet HTML 6Page - STMicroelectronics AN4207 Datasheet HTML 7Page - STMicroelectronics AN4207 Datasheet HTML 8Page - STMicroelectronics AN4207 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
December 2012
Doc ID 023945 Rev 1
1/28
AN4207
Application note
Getting started with STM32F37x/38x SDADC (Sigma-Delta ADC)
Introduction
The STM32F37x series of microcontrollers combines a 32-bit ARM Cortex-M4 core with a
DSP and FPU instructions running at 72 MHz with advanced analog peripherals.
This series introduces the combination of a Cortex-M4 core with a precise 16-bit Sigma-
Delta ADC.
This document outlines the main features of the SDADC and shows how the SDADC can be
used in various application cases. By way of example, four application cases are presented
in this document:
1.
Temperature measurement using PT100
2.
Pressure measurement using MPX2102A
3.
Wave recorder
4.
ElectroCardioGram (ECG) acquisition
To help you get started quickly, the four application cases are implemented in C language
and are available as part of the STM32F37x DSP and standard peripherals library package
stm32f37x_dsp_stdperiph_lib and the STM32373C-EVAL demonstration firmware package
stm32373c-eval_fw
Please note that this document is not intended to replace the Sigma-Delta Analog to Digital
Converter (SDADC) section in the STM32F37xx/STM32F38xx reference manual RM0313.
All values given in this document are guidance only. Please refer to the related datasheet to
get guaranteed and up-to-date values.
Table 1.
Applicable products
Type
Part numbers
Microcontrollers
STM32F37X, STM32F38x
www.st.com


Similar Part No. - AN4207

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN420 STMICROELECTRONICS-AN420 Datasheet
125Kb / 16P
Occasionally the analog signal provided by external sensors require
02-Nov-2011
AN4200 STMICROELECTRONICS-AN4200 Datasheet
2Mb / 20P
Four-layer demonstration board based on the STA333IS
01-Jul-2013
AN4205 STMICROELECTRONICS-AN4205 Datasheet
884Kb / 23P
The most recent developments in energy savings fit perfectly
19-Apr-2013
AN4206 STMICROELECTRONICS-AN4206 Datasheet
769Kb / 34P
Getting started with STM32F3 series hardware development
25-Feb-2015
AN4208 STMICROELECTRONICS-AN4208 Datasheet
288Kb / 16P
package description and recommendations for use
05-Aug-2013
More results

Similar Description - AN4207

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F2M131BNFP RENESAS-R5F2M131BNFP Datasheet
755Kb / 51P
The R8C/M13B Group of single-chip microcontrollers
logo
STMicroelectronics
AN4626 STMICROELECTRONICS-AN4626 Datasheet
151Kb / 6P
The VL6180X module combines a proximity
28-Nov-2014
AN432 STMICROELECTRONICS-AN432 Datasheet
393Kb / 12P
All members of the ST62 Series of Microcontrollers
Rev. 1.1
AN4566 STMICROELECTRONICS-AN4566 Datasheet
369Kb / 19P
Extending the DAC performance of STM32 microcontrollers
03-Nov-2014
AN4635 STMICROELECTRONICS-AN4635 Datasheet
806Kb / 34P
Minimization of power consumption using LPUART in microcontrollers of the STM32L0 series
22-Apr-2015
logo
Littelfuse
PGR-6100 LITTELFUSE-PGR-6100 Datasheet
2Mb / 1P
The PGR-6100 combines the features
logo
Infineon Technologies A...
IRF6668PBP INFINEON-IRF6668PBP Datasheet
636Kb / 10P
The IRF6668PbF combines the latest HEXFET짰 Power MOSFET
08/28/06
IRF6715MPBBF INFINEON-IRF6715MPBBF Datasheet
282Kb / 9P
The IRF6715MPbF combines the latest HEXFET짰 Power MOSFET
02/16/11
logo
Murata Manufacturing Co...
VFC2HL81D105K2M1 MURATA1-VFC2HL81D105K2M1_V01 Datasheet
253Kb / 3P
VFC2H series is EMI suppression filters of lead type that combines the varistor and capacitor.
08/24/2022
VFC2HR71D105K2K1 MURATA1-VFC2HR71D105K2K1_V01 Datasheet
205Kb / 3P
VFC2H series is EMI suppression filters of lead type that combines the varistor and capacitor.
08/24/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com