Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4207 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN4207
Description  The STM32F37x series of microcontrollers combines
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4207 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN4207 Datasheet HTML 4Page - STMicroelectronics AN4207 Datasheet HTML 5Page - STMicroelectronics AN4207 Datasheet HTML 6Page - STMicroelectronics AN4207 Datasheet HTML 7Page - STMicroelectronics AN4207 Datasheet HTML 8Page - STMicroelectronics AN4207 Datasheet HTML 9Page - STMicroelectronics AN4207 Datasheet HTML 10Page - STMicroelectronics AN4207 Datasheet HTML 11Page - STMicroelectronics AN4207 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
Overview of 16-bit SDADC
AN4207
8/28
Doc ID 023945 Rev 1
Figure 3.
Typical connection of differential sensor to differential channels
Single ended offset mode
In single ended offset mode, conversions are performed by connecting the negative input to
0 V internally, leaving the corresponding pin for the negative input (SDADCx_AINyM) free to
be used for other purposes. The signal to be measured is applied to the positive input
SDADCx_AINyP. This mode of operation is similar to differential mode, except that the
output data is only from 0 to +32767, and not from –32767 to +32767, therefore half the
dynamic range is lost, consequently the SNR is degraded.
The formula is:
Vin = SDADCx_AINyP = ReadData * Vref/(2 x gain x 32767)
with ReadData is two’s complement read data from SDADC data register
(SDADCx_JDATAR or SDADCx_RDATAR)
Vref
SDADCx_INyP
SDADCx_INyM
SDADC_VREF+
SDADC_VREF-
Vref
STM32F37x
MSv31129V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com