Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4308 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN4308
Description  The STCCxxxx devices also integrate the autodetect feature that supports both DCP
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4308 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN4308 Datasheet HTML 2Page - STMicroelectronics AN4308 Datasheet HTML 3Page - STMicroelectronics AN4308 Datasheet HTML 4Page - STMicroelectronics AN4308 Datasheet HTML 5Page - STMicroelectronics AN4308 Datasheet HTML 6Page - STMicroelectronics AN4308 Datasheet HTML 7Page - STMicroelectronics AN4308 Datasheet HTML 8Page - STMicroelectronics AN4308 Datasheet HTML 9Page - STMicroelectronics AN4308 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Application dependent CTLx controlling options
AN4308
6/14
DocID024781 Rev 1
The 2 signals SLP_S3 and SLP_S4 can be used to control CTLx pins: the CTL1 tied to the
SLP_S3 and the CTL2 tied to the SLP_S4. Thus using only 1 GPIO from embedded
controller (again the CTL3 pin can be user-configurable (BIOS, etc.) to enable/disable the
charging feature), we can control the following modes:
If CTL3 control is not necessary, the CTL3 can be driven to logic 1(a):
The device can be powered on/off using the EN pin.
Table 4. SLP_Sx control truth table
Power state
CTL1 =
SLP_S3
CTL2 =
SLP_S4
CTL3 =
GPIO EC
Mode
S0
1
1
0
SDP
S0
1
1
1
CDP
S3
0
1
0
Full remote wakeup
S3
0
1
1
LS devices: remote wakeup.
FS, HS devices: DCP auto.
S4/S5
0
0
1
DCP auto
S4/S5
0
0
0
OFF
a. Internal pull-up on the CTL3 is a metal option, not implemented in current versions of STCCxxxx devices.
Table 5. Simplified SLP_Sx control truth table
Power state
CTL1 =
SLP_S3
CTL2 =
SLP_S4
CTL3 pull-up
Mode
S0
1
1
1
CDP
S3
0
1
1
LS devices: remote wakeup.
FS, HS devices: DCP auto.
S4/S5
0
0
1
DCP auto



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com