Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4308 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN4308
Description  The STCCxxxx devices also integrate the autodetect feature that supports both DCP
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4308 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN4308 Datasheet HTML 4Page - STMicroelectronics AN4308 Datasheet HTML 5Page - STMicroelectronics AN4308 Datasheet HTML 6Page - STMicroelectronics AN4308 Datasheet HTML 7Page - STMicroelectronics AN4308 Datasheet HTML 8Page - STMicroelectronics AN4308 Datasheet HTML 9Page - STMicroelectronics AN4308 Datasheet HTML 10Page - STMicroelectronics AN4308 Datasheet HTML 11Page - STMicroelectronics AN4308 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Management of the EN pin to control the power consumption
AN4308
8/14
DocID024781 Rev 1
3
Management of the EN pin to control the power
consumption
The STCC2540 (and also the STCC50x1) device offers two states where all functionalities
are turned off:
EN = 0, CTLx ignored (for the STCC50x1 also ATTACH_EN = 0 condition applies)
EN = 1, CTLx = 000
Although from functional point of view these states are almost equivalent, they differ in
consumption. In the first case (EN = 0) the consumption of the STCCxxxx is the lowest
possible (up to 1
A) but there is one GPIO needed to control the EN pin, in the second
case (CTLx = 000) the consumption is 65
A but no more GPIO is necessary in most cases.
3.1
EN tied to VIN
This is the simplest case. No more GPIO is necessary. To turn off the device, it is enough to
set the CTLx = 000. The drawback is the consumption in the OFF state which is 65
A.
The EN can also be connected to the POWER GOOD signal of the 5 V SMPS powering the
VIN to increase the robustness of the platform (the STCCxxxx device is powered on after the
SMPS provides valid output voltage).
3.2
EN driven by GPIO
This case provides more flexibility (the device can be disabled in any case, e.g. if it reports
a fault condition) and lowest power consumption in the OFF state. However it needs one
more GPIO which complicates the implementation in many platforms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com