Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4308 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN4308
Description  The STCCxxxx devices also integrate the autodetect feature that supports both DCP
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4308 Datasheet(HTML) 1 Page - STMicroelectronics

  AN4308 Datasheet HTML 1Page - STMicroelectronics AN4308 Datasheet HTML 2Page - STMicroelectronics AN4308 Datasheet HTML 3Page - STMicroelectronics AN4308 Datasheet HTML 4Page - STMicroelectronics AN4308 Datasheet HTML 5Page - STMicroelectronics AN4308 Datasheet HTML 6Page - STMicroelectronics AN4308 Datasheet HTML 7Page - STMicroelectronics AN4308 Datasheet HTML 8Page - STMicroelectronics AN4308 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
June 2013
DocID024781 Rev 1
1/14
AN4308
Application note
Methods of STCC2540, STCC5011, STCC5021 control
By Ondrej Plachy
Introduction
The STCC2540 and STCC5011/STCC5021 (STCCxxxx in text below) devices are
combinations of a current limited USB port power switch with the USB 2.0 high-speed data
line (D+/D-) switch and the USB charging port identification circuit. Applications include
notebook PCs, all-in-one PCs, desktop PCs and other intelligent USB host devices.
The CTL1, CTL2 and CTL3 (CTLx in text below) logic inputs are used to select one of the
various operating modes provided by the STCCxxxx. These modes allow the host device to
actively select between:
 “Standard Downstream Port” (SDP) (active USB 3.0 data communication with 900 mA
support or USB 2.0 data communication with 500 mA support)
 “Charging Downstream Port” (CDP) (active USB data communication with 1.5 A support)
 “Dedicated Charging Port” (DCP) (wall adapter emulation with no data communication
and up to 2.5 A support).
The STCCxxxx devices also integrate the autodetect feature that supports both DCP
schemes for the “Battery Charging Specification” (BC1.2, a maximum current draw of 1.5 A)
enhanced of Korean tablets support and the divider mode (a maximum current draw of 1 A
for the STCC5011 or 2 A for the STCC2540 and STCC5021) without the need for an outside
user interaction.
The STCC5011/STCC5021 (STCC50x1 in text below) devices support the peripheral
attachment detection in the G2/G3 power state and provide charging without the need of
waking up the whole host system. The attachment detection is controlled by a combination
of the EN and ATTACH_EN pins.
This Application note is focused on selecting the STCCxxxx operating mode by various
methods of driving its control inputs (CTLx, EN, ATTACH_EN).
www.st.com


Similar Part No. - AN4308

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4300 STMICROELECTRONICS-AN4300 Datasheet
2Mb / 40P
Advanced light control and diagnostics using
17-Sep-2013
AN4304 STMICROELECTRONICS-AN4304 Datasheet
534Kb / 20P
How to filter the input of a high-side current sensing
30-Oct-2013
AN4305 STMICROELECTRONICS-AN4305 Datasheet
1Mb / 20P
Using the SPIRIT1 transceiver with range extender
24-Oct-2013
More results

Similar Description - AN4308

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
DC3217BY INTEL-DC3217BY Datasheet
694Kb / 4P
The Shape that Fits the Future
DC3217IYE INTEL-DC3217IYE Datasheet
681Kb / 4P
The Shape that Fits the Future
logo
Freescale Semiconductor...
KL16P64M48SF4 FREESCALE-KL16P64M48SF4 Datasheet
1Mb / 55P
Supports the following MKL16Z256VLH4, MKL16Z256VMP4
logo
New Jersey Semi-Conduct...
C380 NJSEMI-C380 Datasheet
145Kb / 3P
The C380 Series of high power devices feature the proven, all-diffused construction used in the C180 Series
logo
STMicroelectronics
AN2415 STMICROELECTRONICS-AN2415 Datasheet
307Kb / 11P
Using the output detection feature of the high-brightness
30-Aug-2007
logo
ATMEL Corporation
STK505 ATMEL-STK505 Datasheet
158Kb / 11P
Supports the ATtiny24 and ATtiny26
logo
Analog Devices
EVAL-ADPD105Z-GEN AD-EVAL-ADPD105Z-GEN Datasheet
1Mb / 26P
Supports the detection of UART
Rev. 0
logo
NXP Semiconductors
K70P256M120SF3 NXP-K70P256M120SF3 Datasheet
1Mb / 97P
K70 Sub-Family Supports the following
Rev. 7, 02/2018
logo
Dialog Semiconductor
DA14AVDDECT DIALOG-DA14AVDDECT Datasheet
1Mb / 25P
The module is based on Dialogs DA14495 chip that supports DQPSK and D8PSK besides the
logo
NXP Semiconductors
K10P64M50SF0 NXP-K10P64M50SF0_V01 Datasheet
988Kb / 62P
K10 Sub-Family Supports the following
Rev. 5 10/2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com