Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4363 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN4363
Description  This document gives basic guidelines to select the AC switch device according
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4363 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN4363 Datasheet HTML 3Page - STMicroelectronics AN4363 Datasheet HTML 4Page - STMicroelectronics AN4363 Datasheet HTML 5Page - STMicroelectronics AN4363 Datasheet HTML 6Page - STMicroelectronics AN4363 Datasheet HTML 7Page - STMicroelectronics AN4363 Datasheet HTML 8Page - STMicroelectronics AN4363 Datasheet HTML 9Page - STMicroelectronics AN4363 Datasheet HTML 10Page - STMicroelectronics AN4363 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
DocID025296 Rev 1
7/20
AN4363
Current rating selection
20
The only applications where (dI/dt)OFF rate has to be carefully checked (and measured) in
the application are:
•
Universal motors: Due to the brush commutations, the rate of decrease of the current is
higher than the one calculated from the rms current from the equations.Typically the
rate can be three times higher.
•
Loads (such as universal motor or valve) connected in a diode bridge (refer to
STMicroelectronics Application note AN439): In this case, the rate of decrease of the
Triac current is limited only by the mains inductance. This is the reason why an inductor
has to be put in series with the Triac to reduce this rate of decrease.
1.3
Inrush current and stalled rotor operation
AC switches thanks to their N-P-N-P layer silicon structure feature the best overcurrent
capability among semiconductor switches. For example, the maximum peak current an AC
switch can withstand during a line cycle (10 ms for a 50 Hz frequency) is usually 6 or 10
times higher than its nominal rms current (IT(RMS)).
For a 1 ms pulse length, the ratio can even reach 20 to 40.
In all AC switch datasheet, the overcurrent capability is given by both the ITSM parameter
and two curves giving the variation of this parameter according to the pulse duration. One
ITSM curve is given for pulse durations longer than a line cycle, and another curve is given
for pulse durations shorter than 10 ms.
These two curves allow users to know if the selected device fits with their application
requirements, particularly if overcurrent due to inrush currents or stalled rotor operation can
occur.
These curves demonstrate that is not necessarily mandatory to over-rate an AC switch
current rating for a motor control application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com