Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4363 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN4363
Description  This document gives basic guidelines to select the AC switch device according
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4363 Datasheet(HTML) 4 Page - STMicroelectronics

  AN4363 Datasheet HTML 1Page - STMicroelectronics AN4363 Datasheet HTML 2Page - STMicroelectronics AN4363 Datasheet HTML 3Page - STMicroelectronics AN4363 Datasheet HTML 4Page - STMicroelectronics AN4363 Datasheet HTML 5Page - STMicroelectronics AN4363 Datasheet HTML 6Page - STMicroelectronics AN4363 Datasheet HTML 7Page - STMicroelectronics AN4363 Datasheet HTML 8Page - STMicroelectronics AN4363 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Current rating selection
AN4363
4/20
DocID025296 Rev 1
For example, for a 0.4 A rms current, this device has to work with a maximum ambient
temperature lower than approximately 72 °C. In other words, up to 72°C, the ACS108-6SA
can control a maximum rms current of 0.4 A.
Figure 1. Maximum rms current versus ambient temperature for an ACS108-6SA
For the T1635T-8FP, as the device package is a TO220FPAB, and as this device can handle
up to 16 A for a 150 °C junction temperature, a heatsink is used in most of the cases. The
curve is then given versus the operating case temperature as shown in Figure 2.
This figure shows that for instance, for a 12 A rms current, the package case temperature
has to be lower than 107 °C. So the used heatsink has to ensure of evacuating the power
conduction losses (Pd = 13 W for 12 A rms current, as shown in Figure 3) while keeping the
case temperature below 107 °C.
Figure 2. Maximum rms current versus ambient temperature for a T1635T-8FP
I
(A)
T(RMS)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0
25
50
75
100
125
Single layer Printed
circuit board FR4
Natural convection
TO-92
SOT-223
Ta °C
RMS load
current
Tamb
TO-92
I
(A)
T(RMS)
0
2
4
6
8
10
12
14
16
18
0
25
50
75
100
125
150
T (°C)
C
RMS load
current
Tc
TO-220FPAB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com