Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4363 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN4363
Description  This document gives basic guidelines to select the AC switch device according
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4363 Datasheet(HTML) 3 Page - STMicroelectronics

  AN4363 Datasheet HTML 1Page - STMicroelectronics AN4363 Datasheet HTML 2Page - STMicroelectronics AN4363 Datasheet HTML 3Page - STMicroelectronics AN4363 Datasheet HTML 4Page - STMicroelectronics AN4363 Datasheet HTML 5Page - STMicroelectronics AN4363 Datasheet HTML 6Page - STMicroelectronics AN4363 Datasheet HTML 7Page - STMicroelectronics AN4363 Datasheet HTML 8Page - STMicroelectronics AN4363 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
DocID025296 Rev 1
3/20
AN4363
Current rating selection
20
1
Current rating selection
1.1
Load current and operating temperature
The maximum current an AC switch (we call AC switch Triac, ACS or ACST in this
document) can handle is limited only by the maximum allowed operating temperature,
except for specific applications where the turn-off capability of the AC switch can also
become a limiting factor (refer to Section 1.2: Turn-off limitation for specific applications).
But, for most applications, where the current waveform is sinusoidal, the current of the AC
switch will depend only on the operating temperature and the device power losses.
For an AC switch, as the switching times (around 100 ns) are very low compared to the
switching period (50 Hz or 60 Hz for most cases), the device power losses are considered
as only linked to the conduction losses.
Then, the junction temperature will be (refer to STMicroelectronics Application note AN533
for further information):
Equation 1
or:
Equation 2
With respectively:
Tj: junction temperature
Ta: ambient temperature
Tc: case temperature
Pd: conduction losses
For a sinusoidal current, Pd is given by:
Equation 3
Where Vt0 and Rd are respectively the threshold voltage and the dynamic resistance of the
AC switch ON-state voltage drop.
For each device, the datasheet gives the maximum allowed current calculated so that the
associated power losses (with Equation 2) will keep the junction temperature below the
maximum operating temperature (with Equation 1). This maximum temperature is usually
125 °C or 150 °C for high temperature devices.
Figure 1 and Figure 2 give the example of such datasheet curves for respectively an
ACS108-6SA and a T1635T-8FP. As the ACS108-6SA package is a TO92, there is no way
to add a heatsink to the device to evacuate its power losses. That is the reason why the
curve is given versus the operating ambient temperature.
)
a
j
(
th
d
a
j
R
P
T
T
−
⋅
+
=
)
c
j
(
th
d
c
j
R
P
T
T
−
⋅
+
=
2
RMS
d
RMS
0
t
d
I
R
I
V
2
2
P
⋅
+
⋅
⋅
π
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com