Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4434 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN4434
Description  CMOS F8H automotive EEPROM cycling endurance and data retention
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4434 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN4434 Datasheet HTML 6Page - STMicroelectronics AN4434 Datasheet HTML 7Page - STMicroelectronics AN4434 Datasheet HTML 8Page - STMicroelectronics AN4434 Datasheet HTML 9Page - STMicroelectronics AN4434 Datasheet HTML 10Page - STMicroelectronics AN4434 Datasheet HTML 11Page - STMicroelectronics AN4434 Datasheet HTML 12Page - STMicroelectronics AN4434 Datasheet HTML 13Page - STMicroelectronics AN4434 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Data retention
AN4434
10/17
DocID025810 Rev 3
2
Data retention
This chapter intends to offer all details concerning the data retention capabilities of the
Automotive EEPROM MXXxxx-A125/A145 products based on CMOS F8H process.
Glossary:
–
data retention: at t0, bytes are written after what no Write is executed on these
bytes. The data retention time is the time after t0 during which the bytes can still be
correctly read (the MXXxxx-A125/A145 being DC supplied or not).
2.1
Data retention values specified in automotive
MXXxxx-A125/A145 datasheets
The automotive MXXxxx-A125/A145 EEPROM devices (based on the automotive CMOS
F8H process) offer outstanding data retention performances, as defined in Table 4.
Table 4. Data retention for CMOS F8H process Automotive devices
Products
Data retention
M95xxx-A125/A145, M24xxx-A125 and M93xxx-A125
as defined in Table 1
more than 100 years at 25°C
more than 50 years at 125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com