Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4434 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN4434
Description  CMOS F8H automotive EEPROM cycling endurance and data retention
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4434 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN4434 Datasheet HTML 9Page - STMicroelectronics AN4434 Datasheet HTML 10Page - STMicroelectronics AN4434 Datasheet HTML 11Page - STMicroelectronics AN4434 Datasheet HTML 12Page - STMicroelectronics AN4434 Datasheet HTML 13Page - STMicroelectronics AN4434 Datasheet HTML 14Page - STMicroelectronics AN4434 Datasheet HTML 15Page - STMicroelectronics AN4434 Datasheet HTML 16Page - STMicroelectronics AN4434 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
DocID025810 Rev 3
13/17
AN4434
Data retention
16
Where:
–
n is the number of bits in the EEPROM
–
P0 is the probability that 1 cell fails
If one bit fails, the ECC architecture will correct this bit value and therefore P1 is not
significant for the end user as the whole memory can still be read without a single bit error. If
we consider now that a next extrinsic event would lead to one more bit losing its data, this bit
being randomly located over the whole memory array, the probability P2 that this second
falling bit could be located in the same word A is expressed as
P2
knP0
2 k1
–
() 64
⁄
=
Where k is the number of bits of one word (for ECCx4: 4 bytes and 6 ECC bits, this lead to
k=4*8 +6=38).
The value of P2 is depending upon the value of n (number of bits in the EEPROM); Table 5
shows the probability P2 value that one word is not read correctly (a second bit failing in the
same word cannot be recovered by ECC logic) for different memory densities.
Note:
If we consider that, during the life of an application:
•
Data written only once (Read only data) are not stressed by further Write cycles, there is
therefore no SILC effect and the data retention is not impacted. For these data, P2 value is much
less than the values given in Table 5.
•
Data written several times may be impacted by the SILC effect but, after each Write cycle, the
data are refreshed and therefore the data retention time is “reset”.
Based on these comments, it is wise to consider that the data retention in an application is significantly
better than the worst case values computed in Table 5 and Table 6.
ECCx1 and data retention
CMOS F8H automotive EEPROM devices (1Kb to 16Kb) embed an internal ECCx1 logic
that compares each byte with the 4 additional ECC bits. As a result, if a single bit happens to
be erroneous during a read operation, the ECC detects it and replaces this bit with the
correct value in the read byte. The main benefit of the Error Correction Code is that the ECC
Table 5. ECCx4 memories: probability that one word is not correctly read
Memory capacity
P2 (ppm(1))
1. ppm: part per million
1 Mbit
0.23
512 Kbit
0.12
256 Kbit
0.06
128 Kbit
0.03
64 Kbit
0.01
32 Kbit
0.01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com