Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4434 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN4434
Description  CMOS F8H automotive EEPROM cycling endurance and data retention
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4434 Datasheet(HTML) 3 Page - STMicroelectronics

  AN4434 Datasheet HTML 1Page - STMicroelectronics AN4434 Datasheet HTML 2Page - STMicroelectronics AN4434 Datasheet HTML 3Page - STMicroelectronics AN4434 Datasheet HTML 4Page - STMicroelectronics AN4434 Datasheet HTML 5Page - STMicroelectronics AN4434 Datasheet HTML 6Page - STMicroelectronics AN4434 Datasheet HTML 7Page - STMicroelectronics AN4434 Datasheet HTML 8Page - STMicroelectronics AN4434 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
DocID025810 Rev 3
3/17
AN4434
List of tables
3
List of tables
Table 1.
Applicable products . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
Table 2.
CMOS F8H process Automotive devices (-40°C to +145°C) . . . . . . . . . . . . . . . . . . . . . . . . 5
Table 3.
Application cycling profile evaluation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Table 4.
Data retention for CMOS F8H process Automotive devices. . . . . . . . . . . . . . . . . . . . . . . . 10
Table 5.
ECCx4 memories: probability that one word is not correctly read . . . . . . . . . . . . . . . . . . . 13
Table 6.
ECCx1 memories: probability that one byte is not correctly read . . . . . . . . . . . . . . . . . . . . 14
Table 7.
MXXxxx-A125/A145 data retention profile evaluation example . . . . . . . . . . . . . . . . . . . . . 15
Table 8.
Document revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com