Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4457 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN4457
Description  Implementing an emulated universal asynchronous receiver transmitter on STM32F4 microcontroller series
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4457 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN4457 Datasheet HTML 2Page - STMicroelectronics AN4457 Datasheet HTML 3Page - STMicroelectronics AN4457 Datasheet HTML 4Page - STMicroelectronics AN4457 Datasheet HTML 5Page - STMicroelectronics AN4457 Datasheet HTML 6Page - STMicroelectronics AN4457 Datasheet HTML 7Page - STMicroelectronics AN4457 Datasheet HTML 8Page - STMicroelectronics AN4457 Datasheet HTML 9Page - STMicroelectronics AN4457 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
UART emulator description
AN4457
6/24
DocID026046 Rev 1
1
UART emulator description
The principle consists in emulating the UART protocol via GPIO, EXTI, timer and DMA
peripherals.
1.1
Main features
The main features of the UART emulator are the following:
•
Full-duplex asynchronous communications up to 115200 bps
•
Programmable data word length: from 5 to 9 bits
•
Flexible GPIO usage: all GPIOs can be configured as UART_TX/RX
•
Configurable number of stop bits: 1 or 2 stop bits
•
Parity control
–
Transmission of parity bit
–
Parity check of received data frame
•
Transfer detection flags
–
Receive complete
–
Transmit complete
•
Error detection flags
–
Frame error
–
Parity error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com