Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4457 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN4457
Description  Implementing an emulated universal asynchronous receiver transmitter on STM32F4 microcontroller series
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4457 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN4457 Datasheet HTML 16Page - STMicroelectronics AN4457 Datasheet HTML 17Page - STMicroelectronics AN4457 Datasheet HTML 18Page - STMicroelectronics AN4457 Datasheet HTML 19Page - STMicroelectronics AN4457 Datasheet HTML 20Page - STMicroelectronics AN4457 Datasheet HTML 21Page - STMicroelectronics AN4457 Datasheet HTML 22Page - STMicroelectronics AN4457 Datasheet HTML 23Page - STMicroelectronics AN4457 Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
DocID026046 Rev 1
21/24
AN4457
UART emulator CPU load and footprint
23
4
UART emulator CPU load and footprint
The UART emulator uses the CPU for several tasks such as data formatting, DMA interrupt
handling both for transmission and reception and EXTI interrupt handling for reception.
4.1
CPU load
The CPU load depends on whether the transmit or receive process is active. When UART
full-duplex mode is active, the CPU load is increased. Refer to Table 5 for an example.
The software settings used to obtain the results given in Table 5 are the following:
•
System clock: 84 MHz
•
Toolchain: MDK-ARM V5.14, optimization level3(-O3) for size
•
Word length: 8 bits
•
One stop bit
•
No parity.
4.2
UART emulator memory footprint
Table 6 gives an estimate of the code size required by the UART emulator software
compiled with MDK-ARM V5.14, optimization level3(-O3) for size.
Table 5. UART CPU Load
Baudrate (bps)
Transmission
Reception
Load CPU (%)
MIPS
Load CPU (%)
MIPS
4800
2.4
2
4
3
9600
5
4
8.8
7
115200
6
5
9
7.5
Table 6. UART memory footprint
Flash memory footprint (bytes)
RAM footprint (bytes)
2872
400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com