Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TN1163 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TN1163
Description  Description of WLCSP for microcontrollers and recommendations for use
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN1163 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TN1163 Datasheet HTML 3Page - STMicroelectronics TN1163 Datasheet HTML 4Page - STMicroelectronics TN1163 Datasheet HTML 5Page - STMicroelectronics TN1163 Datasheet HTML 6Page - STMicroelectronics TN1163 Datasheet HTML 7Page - STMicroelectronics TN1163 Datasheet HTML 8Page - STMicroelectronics TN1163 Datasheet HTML 9Page - STMicroelectronics TN1163 Datasheet HTML 10Page - STMicroelectronics TN1163 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
DocID025707 Rev 2
7/21
TN1163
Package description
20
2
Package description
2.1
Overview
ST WLCSP packages are manufactured with a wafer level process by attaching solder balls
on I/Os pads of the active wafer side, thus allowing bumped dice to be produced. The I/O
contacts can be either configured as a matrix or located in the periphery. A redistribution
layer is used.
Lead-free balls are manufactured using SAC (SnAgCu) alloy with a near-eutectic melting
point ranging 217 to 221 °C. This material makes the package compatible with standard
reflow processes.
The ball diameter allows to use pick-and-place process compatible with existing equipment,
in particular with equipment used for ball grid array (BGA) packages. It also makes it
compatible with the PCB design rules used for standard ICs.
The devices available in WLCSP are delivered in tape and reel packing with the bumps
turned down (placed on the bottom of the carrier tape cavity). The other face of the device is
flat and allows picking it as for standard SMD packages.
Caution:
WLCSP must be handled with care as active silicon substrate is not protected against
aggressive mechanical actions. Vacuum plastic pick-up tools are recommended for device
handling.
WLCSP Devices are 100 % electrically tested after assembly.
The device references are marked on the top flat side of the device (see Figure 1).
Figure 1. WLCSP top and bump views



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com