Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TN1163 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TN1163
Description  Description of WLCSP for microcontrollers and recommendations for use
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN1163 Datasheet(HTML) 4 Page - STMicroelectronics

  TN1163 Datasheet HTML 1Page - STMicroelectronics TN1163 Datasheet HTML 2Page - STMicroelectronics TN1163 Datasheet HTML 3Page - STMicroelectronics TN1163 Datasheet HTML 4Page - STMicroelectronics TN1163 Datasheet HTML 5Page - STMicroelectronics TN1163 Datasheet HTML 6Page - STMicroelectronics TN1163 Datasheet HTML 7Page - STMicroelectronics TN1163 Datasheet HTML 8Page - STMicroelectronics TN1163 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
List of tables
TN1163
4/21
DocID025707 Rev 2
List of tables
Table 1.
WLCSPs for microcontrollers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Table 2.
Matrix 8 x 8 bump dimension WLCSP . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Table 3.
Tape cavity size . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Table 4.
7 and 13 inch reel dimensions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Table 5.
PCB design recommendation for 0.5 mm ball pitch packages . . . . . . . . . . . . . . . . . . . . . . 14
Table 6.
PCB design recommendation for 0.4 mm ball pitch packages . . . . . . . . . . . . . . . . . . . . . . 14
Table 7.
Document revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com