Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1535 Datasheet(PDF) 8 Page - STMicroelectronics

Part # UM1535
Description  This manual provides application developers with a first introduction
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1535 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button UM1535 Datasheet HTML 4Page - STMicroelectronics UM1535 Datasheet HTML 5Page - STMicroelectronics UM1535 Datasheet HTML 6Page - STMicroelectronics UM1535 Datasheet HTML 7Page - STMicroelectronics UM1535 Datasheet HTML 8Page - STMicroelectronics UM1535 Datasheet HTML 9Page - STMicroelectronics UM1535 Datasheet HTML 10Page - STMicroelectronics UM1535 Datasheet HTML 11Page - STMicroelectronics UM1535 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
Working with pre-flashed software
UM1535
8/39
Doc ID 023036 Rev 2
Figure 2.
Tera Term configuration for serial port (Windows PC)
Using HyperTerminal is very similar. To configure the serial port with HyperTerminal:
1.
Enter the "File > Properties" menu
2.
Select the COM port (for example COM1) in the "Connect Using" dialog box
3.
Press the "Configure" button
4.
Enter the 'Port Setting' fields accordingly
5.
To save the current configurations select the "File >Save As" menu item.
2.1.2
Linux PC
As an alternative to Windows, you can use a PC with Linux OS.
In the examples below, a '$' symbol represents a normal user prompt while a '#' symbol
means a root level prompt. Please note that you need read/write access to the PC serial
port. If necessary, check your distribution documentation to enable it (for example, on
Fedora Linux systems you have usually to add your user to the "dialout" system group).
Minicom is one of the most commonly used terminal emulators for Linux. Assuming a
Fedora distribution for the host PC, to check the availability of Minicom, execute the following
command:
$ rpm -q minicom
To install minicom, if not found, execute this command from a root shell:
# yum install minicom
To start minicom, type the command:
$ minicom
To enter the configuration menu for the first time, press the key combination "Ctrl-A" and
then "Z" (in sequence).
Note:
If there is no global configuration file, minicom will not start. You first need to create one by
running the following command from a root shell:
# minicom -s
and then follow the normal configuration procedure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com