Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1535 Datasheet(PDF) 20 Page - STMicroelectronics

Part # UM1535
Description  This manual provides application developers with a first introduction
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1535 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button UM1535 Datasheet HTML 16Page - STMicroelectronics UM1535 Datasheet HTML 17Page - STMicroelectronics UM1535 Datasheet HTML 18Page - STMicroelectronics UM1535 Datasheet HTML 19Page - STMicroelectronics UM1535 Datasheet HTML 20Page - STMicroelectronics UM1535 Datasheet HTML 21Page - STMicroelectronics UM1535 Datasheet HTML 22Page - STMicroelectronics UM1535 Datasheet HTML 23Page - STMicroelectronics UM1535 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 39 page
background image
The STLinux distribution
UM1535
20/39
Doc ID 023036 Rev 2
3
The STLinux distribution
3.1
Overview
The STLinux distribution provides all the host-side (PC) and target-side (evaluation board)
software components enabling system designers to develop their own applications for
SPEAr-based platforms, as well as customize the various aspects of the embedded
software architecture.
The components can be summarized as follows:
●
Command-line cross-development toolchain (compiler, linker, building tools, etc.),
running on a Linux x86 PC
●
Graphical IDE (ST Workbench), running on a Linux x86 PC
●
Software for incremental online update of STLinux distribution components
●
A set of open source user-space ARM packages (programs and runtime libraries) to be
promptly reused in root file systems as support to specific applications. The root file
system also provides compiler, linker and so on for compiling applications on target
boards.
●
Linux kernel (2.6.37 or higher), configurable for the different SPEAr evaluation boards;
it includes BSP/device drivers for the SPEAr hardware features
●
U-Boot boot loader, with added support for SPEAr evaluation boards
●
XLoader firmware, configurable for the different SPEAr evaluation boards
Most distribution components are also available as source code (SRPM files).
Full details about STLinux components are reported in other specific documents.
3.2
Host PC requirements
The STLinux-2.4 distribution is supported on Fedora 6 and later and Redhat Enterprise 4
and later.
STLinux-2.4 is not officially supported on Ubuntu. The guide for installing on an Ubuntu
machine is available at following link:
http://www.stlinux.com/install/ubuntu
3.3
The stmyum tool
Yum is an automatic updater and package installer/remover for RPM Linux host systems
(like Fedora). It automatically computes dependencies and figures out the procedure for
installing packages.
Yum has a number of advantages over using RPM directly:
●
automatic updates of installed packages
●
automatic checks for newly available and updated packages
●
all dependent packages are installed automatically for each package installed
●
groups of packages can be installed as a single unit
●
increased security as all packages are signed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com