Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1535 Datasheet(PDF) 24 Page - STMicroelectronics

Part # UM1535
Description  This manual provides application developers with a first introduction
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1535 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button UM1535 Datasheet HTML 20Page - STMicroelectronics UM1535 Datasheet HTML 21Page - STMicroelectronics UM1535 Datasheet HTML 22Page - STMicroelectronics UM1535 Datasheet HTML 23Page - STMicroelectronics UM1535 Datasheet HTML 24Page - STMicroelectronics UM1535 Datasheet HTML 25Page - STMicroelectronics UM1535 Datasheet HTML 26Page - STMicroelectronics UM1535 Datasheet HTML 27Page - STMicroelectronics UM1535 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 39 page
background image
Working at application level (userland)
UM1535
24/39
Doc ID 023036 Rev 2
# service portmap start
Starting portmap: [ OK ]
followed by the command:
# service nfs start
Starting NFS services: [ OK ]
Starting NFS quotas: [ OK ]
Starting NFS daemon: [ OK ]
Starting NFS mountd: [ OK ]
Each time you change this file when the NFS service is already started, you need either to
restart it or to force the NFS daemon to reload the new configuration:
# exportfs -a
4.1.2
Incremental changes to Flash file system
If the root file system is stored on Flash memory, it is possible to transfer files from the PC to
the target board in the following ways:
●
Transfer by USB pen drive
●
Transfer by MMC/SD card
●
Transfer by LAN (TFTP)
4.1.3
Flash file system full replacement
To replace the entire file system on Flash memory, you can:
●
Rewrite the root file system partition with the USB Flasher tool
●
Rewrite the root file system partition from U-Boot
●
Rewrite the root file system from Linux by overwriting the mtdblock of the file system
4.1.4
Setting environment variables for using NFS boot
The following U-Boot commands set up environment variables for using the NFS file system:
u-boot>setenv bootargs root=/dev/nfs rw console=ttyAMA0,115200
nfsroot=192.168.1.1:/opt/STM/STLinux-2.4/devkit/armv7/target,udp
ip=192.168.1.10:192.168.1.1:192.168.1.1:255.255.255.0::eth0
These commands exports the /opt/STM/STLinux-2.4/devkit/armv7/target directory from the
host machine (IP address 192.168.1.1) to the target board (IP address 192.168.1.10); the
gateway address used is 255.255.255.0.
4.2
Command line cross-development
The most important item concerning host packages is the cross-development toolchain, a
set of programs running on a host PC, but targeting ARM-specific code output with support
for:
●
Cross-compilation of source code to generate native object code for the ARM CPU
cores integrated into SPEAr embedded MPU family
●
Cross-linking of ARM object code to generate executable programs or (dynamically
linkable) shared libraries
●
Managing object code archives, incremental rebuilding and other auxiliary tasks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com