Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1551 Datasheet(PDF) 7 Page - STMicroelectronics

Part # UM1551
Description  This demonstration board allows the easy measurement
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1551 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button UM1551 Datasheet HTML 3Page - STMicroelectronics UM1551 Datasheet HTML 4Page - STMicroelectronics UM1551 Datasheet HTML 5Page - STMicroelectronics UM1551 Datasheet HTML 6Page - STMicroelectronics UM1551 Datasheet HTML 7Page - STMicroelectronics UM1551 Datasheet HTML 8Page - STMicroelectronics UM1551 Datasheet HTML 9Page - STMicroelectronics UM1551 Datasheet HTML 10Page - STMicroelectronics UM1551 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
DocID023275 Rev 1
7/17
UM1551
Description
17
If the VDD is powered from VEXT (no matter if directly or using onboard LDO), there should
be an external pull-up resistor to VDD connected to the CHARGING/ATTACH output to
ensure its proper function in the case of VIN turned off.
Auxiliary and indication circuits
Test points
All the important signals are available on test points.
The DP_IN, DM_IN, DP_OUT and DM_OUT signals are isolated from the high speed USB
bus by 10 k
 resistors. The purpose of these test points is to verify DC values and various
detection/negotiation processes only, not to evaluate the AC performance of the STCC50x1
device.
The AC performance of the USB data switch (eye-diagram tests for instance) can, of
course, be evaluated using the demonstration board USB connectors J2 and J3 when the
board is configured to SDP mode (CTLx = 110, EN = 1) and nothing connected to TP14 -
TP17.
The sensing test points TP18 and TP19 allow measurements of RDS (on) using a Kelvin
connection.
LEDs
The board is equipped with indication LEDs to allow easy visual verification of these vital
signals: VIN, FAULT, CHARGING/ATTACH, VOUT.
The VOUT LED is isolated from the VOUT line by Q1 to prevent false attach detection caused
by LED current.
Decoupling components
The capacitors C1, C2, C3 and C4 are recommended decoupling components for the
STCC50x1 device. They are recommended values, types and placements and can be used
as a guide for application design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com