Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1551 Datasheet(PDF) 3 Page - STMicroelectronics

Part # UM1551
Description  This demonstration board allows the easy measurement
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1551 Datasheet(HTML) 3 Page - STMicroelectronics

  UM1551 Datasheet HTML 1Page - STMicroelectronics UM1551 Datasheet HTML 2Page - STMicroelectronics UM1551 Datasheet HTML 3Page - STMicroelectronics UM1551 Datasheet HTML 4Page - STMicroelectronics UM1551 Datasheet HTML 5Page - STMicroelectronics UM1551 Datasheet HTML 6Page - STMicroelectronics UM1551 Datasheet HTML 7Page - STMicroelectronics UM1551 Datasheet HTML 8Page - STMicroelectronics UM1551 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
DocID023275 Rev 1
3/17
UM1551
Description
17
Description
Quick guide and default configuration
By default, the board is powered from a USB host (notebook, PC, docking station, etc.)
through the J2 USB connector. No external power supply is necessary.
In this mode, evaluation of all STCC50x1 device features is possible with the following
limitation:
Maximum charging current is limited by the USB host capabilities (typically 500 mA
to 2000 mA).
Jumper and selector settings for default configuration
J5: ON (closed)
SW6: VEXT (1 - 2)
Settings and connections
Variable resistors
Resistor R18
This resistor adjusts the VLDO voltage to verify proper functionality of the attach detector for
the whole VDD operating range. The equation is as follows:
Equation 1
Minimum adjustable voltage is approx. 1.7 V, maximum voltage is close to VEXT. The VLDO
increases in a counter-clockwise direction.
For externally set VDD voltage, the jumper selector SW6 can be placed in the VEXT position,
connecting VEXT directly to VDD.
Resistor R26
This resistor adjusts the current limiter threshold according to Equation 2:
Equation 2
Minimum current is approx. 400 mA, maximum current is approx. 2700 mA. The current limit
increases in a clockwise direction.
For minimum current, the accuracy is not defined. The host/power supply capability may be
at least equal to the current limiter threshold set by R26.
VLDO
1,2 R18 6,2 15
++
15
----------------------------------------------------- Vk

=
ISC
48000
R26 18
+
------------------------ mA k

=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com