Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1551 Datasheet(PDF) 4 Page - STMicroelectronics

Part # UM1551
Description  This demonstration board allows the easy measurement
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1551 Datasheet(HTML) 4 Page - STMicroelectronics

  UM1551 Datasheet HTML 1Page - STMicroelectronics UM1551 Datasheet HTML 2Page - STMicroelectronics UM1551 Datasheet HTML 3Page - STMicroelectronics UM1551 Datasheet HTML 4Page - STMicroelectronics UM1551 Datasheet HTML 5Page - STMicroelectronics UM1551 Datasheet HTML 6Page - STMicroelectronics UM1551 Datasheet HTML 7Page - STMicroelectronics UM1551 Datasheet HTML 8Page - STMicroelectronics UM1551 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Description
UM1551
4/17
DocID023275 Rev 1
Jumper selectors
SW2 to SW4: operating mode (CTLx)
1 - 2 = 1, 2 - 3 = 0 (see Table 1)
SW5: power and data switch enable (EN)
1 - 2 = 1, 2 - 3 = 0
1 = enabled, 0 = disabled, VOUT discharge when ATTACH_EN = 0 (see Table 2)
SW1: attach detector enable (ATTACH_EN)
1 - 2 = 1, 2 - 3 = 0
1 = enabled if EN = 0 (see Table 2), 0 = disabled
The control inputs (CTL1 - CTL3, EN, ATTACH_EN) are also available on control connector
J6. If this connector is used, the jumper caps from SW1 to SW5 must be removed.
Table 1. CTLx truth table(1)
1. The VOUT discharge pulse is also intentionally omitted for transitions 010 <-> 011, 110 <-> 011.
SW4
(CTL1)
SW3
(CTL2)
SW2
(CTL3)
Mode
Note
0
0
0
Power and data switch turned off
Continuous VOUT discharge
11
0
S0 SDP
No VOUT discharge pulse on
transition 110 <-> 010
0
1
0
S3 SDP with remote wakeup
1
1
1
S0 CDP
No VOUT discharge pulse on
transition 111 <-> 011 for low
speed devices
01
1
S3 CDP with remote wakeup for low
speed devices / DCP auto-detect for
full-speed and high-speed devices
Automatic switch to DCP
auto-detect mode also after
a device detach
0
0
1
DCP auto-detect
1
0
0
DCP BC1.2
1
0
1
DCP divider
Table 2. EN and ATTACH_EN truth table
SW5 (EN)
SW1 (ATTACH_EN)
Attach detector
Continuous VOUT
discharge
0
0
Disabled
Yes
0
1
Enabled
No
1
X
Disabled
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com