| Electronic Components Datasheet Search |
|
UM1632 Datasheet(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1632 Datasheet(HTML) 1 Page - STMicroelectronics |
|
1 / 32 page ![]() June 2014 DocID024513 Rev 1 1/32 UM1632 User manual STM8L DALI slave interface Introduction This document describes the implementation of the Digital Addressable Lighting Interface (DALI) in the STM8L 8-bit microcontroller family. The DALI slave library for STM8L microcontrollers simplifies integration of the DALI slave interface into customer applications. The implementation of DALI in STM8L, together with the various STM8L features (peripherals, computation power, communication interfaces), is mainly used in light control applications (example, electronic ballast control). The STM8L DALI slave library was tested according to the DALI specification and comes with a simple application example (DALI slave device), which was designed (and tested) for use with the following evaluation boards: • STM8L1526-EVAL • DALI transceiver board (see UM1032: STEVAL-ILM001V1 hardware module) The application example controls the light of the on-board LED diode. Light intensity is controlled by the PWM method using a built-in timer. The external DALI master device must control this application example (DALI slave device). The DALI master devices were tested using the ST7DALI evaluation kit (master device board and PC software). Useful information and links regarding the DALI interface can be found on http://www.dali- ag.org. www.st.com |
Similar Part No. - UM1632 |
|
Similar Description - UM1632 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |